Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI2CG472256V15D2 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # EDI2CG472256V15D2
Description  8 Megabyte Sync/Sync Burst, Dual Key DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2CG472256V15D2 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button EDI2CG472256V15D2 Datasheet HTML 3Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 4Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 5Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 6Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 7Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 8Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 9Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 10Page - White Electronic Designs Corporation EDI2CG472256V15D2 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
EDI2CG472256V
July 1999
Rev 1
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE DESCRIPTION
Package No. 406
168 Lead
Dual Key DIMM
ORDERING INFORMATION
Part Number
Organization
Voltage
Speed (ns)
Package
EDI2CG472256V9D2*
4x256Kx72
3.3
9
168 Gold Lead DIMM
EDI2CG472256V10D2*
4x256Kx72
3.3
10
168 Gold Lead DIMM
EDI2CG472256V12D2
4x256Kx72
3.3
12
168 Gold Lead DIMM
EDI2CG472256V15D2
4x256Kx72
3.3
15
168 Gold Lead DIMM
*Consult Factory for Availability
P1
195
0.157
(2x)
0.078 (2X)
0.450
0.350
0.925
1.450
0.250
0.125
1.700
2.150
.050 TYP.
0.700
MAX.
MAX.
1.500
0.195
0.125
(2X)
0.575
MIN.
0.225
5.255 MAX.


Similar Part No. - EDI2CG472256V15D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V10D2 WEDC-EDI2CG472128V10D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V12D2 WEDC-EDI2CG472128V12D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V15D2 WEDC-EDI2CG472128V15D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V85D2 WEDC-EDI2CG472128V85D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
More results

Similar Description - EDI2CG472256V15D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com