Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8761AB Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8761AB
Description  Spread Spectrum Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8761AB Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8761AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8761AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SM8761 series
NIPPON PRECISION CIRCUITS INC.—5
SM8761AB
VDD = 3.3 ± 0.3V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
Parameter
Symbol
Pins
Condition
Rating
Unit
min
typ
max
Current
consumption
IDD
VDD
VDD = 3.3V, Ta = 25°C,
external input clock, fin = 12MHz,
all outputs unloaded
–58
mA
VDD = 3.3V, Ta = 25°C,
external input clock, fin = 24MHz,
all outputs unloaded
–6
10
Input voltage
VIH1
MSEL0, MSEL1
VDD = 3.3V
0.85VDD
––
V
VIM1
0.45VDD
0.50VDD
0.55VDD
VIL1
0.15VDD
VIH2
TSTN
VDD = 3.3V
0.85VDD
––
VIL2
0.15VDD
VIH3
XT
VDD = 3.3V
0.80VDD
––
VIL3
0.20VDD
Input current
IIH1
MSEL0, MSEL1
VIN = VDD
––1
µA
IIL1
VIN = 0V
–1
IIH2
TSTN
VIN = VDD, built-in pull-up resistor
1
IIL2
VIN = 0V, built-in pull-up resistor
–100
IIH3
XT
VIN = VDD
––
40
IIL3
VIN = 0V
–40
Output voltage
VOH
CLKOUT
IOH = −2mA
VDD – 0.4
V
VOL
IOL = 2mA
0.4


Similar Part No. - SM8761AB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8760CA NPC-SM8760CA Datasheet
107Kb / 8P
   Spread Spectrum Clock Generator
SM8760CAV NPC-SM8760CAV Datasheet
107Kb / 8P
   Spread Spectrum Clock Generator
More results

Similar Description - SM8761AB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com