Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI2CG472128V12D2 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI2CG472128V12D2
Description  4 Megabyte Sync/Sync Burst, Dual Key DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2CG472128V12D2 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI2CG472128V12D2 Datasheet HTML 1Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 2Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 3Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 4Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 5Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 6Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 7Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 8Page - White Electronic Designs Corporation EDI2CG472128V12D2 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
EDI2CG472128V
July 1999
Rev 1
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PIN CONFIGURATION
DQ0-DQ63
Input/Output Bus
DQP0-DQP7
Parity Bits
A0-A6
Address Bus
EM#
Module Enable
E1#, E2#, E3#, E4#
Synchronous Bank Enables
BWE#
Byte Write Mode Enable
BWE1#-BW8#
Byte Write Enables
CK
Array Clock
GW#
Synchronous Global
Write Enable
G#
Asynchronous Output Enable
ZZ1, ZZ2, ZZ3, ZZ4
Blank Sleep Mode Enables
Vcc
3.3V Power Supply
Vss
Ground
PIN NAMES
PIN
FRONT
PIN
BACK
1VSS
85
VSS
2A0
86
A17
3A16
87
A1
4A2
88
A15
5A14
89
A3
6VCC
90
VCC
7A4
91
A13
8A12
92
A5
9A6
93
A11
10
A10
94
A7
11
VSS
95
VSS
12
A8
96
A9
13
NC
97
NC3
14
E4#98
E1#
15
E2#99
E3#
16
VSS
100
VSS
17
MODE
101
CK
18
EM#
102
VSS
19
GW#
103
G#
20
NC1
104
BWE#
21
VCC
105
VCC
22
BW4#106
BW2#
23
BW3#107
BW1#
24
BW8#108
BW6#
25
BW7#109
BW5#
26
ADSC#
110
VSS
27
ADSP#
111
ADV#
28
VSS
112
VSS
29
NC
113
DQP0
30
VCC
114
VCC
31
DQ0
115
DQ7
32
DQ1
116
DQ6
33
DQ2
117
DQ5
34
DQ3
118
DQ4
35
VSS
119
VSS
36
ZZ1
120
DQP1
37
VCC
121
VCC
38
DQ8
122
DQ15
39
DQ9
123
DQ14
40
DQ10
124
DQ13
41
DQ11
125
DQ12
42
VSS
126
VSS
PIN
FRONT
PIN
BACK
43
NC
127
CRFU
44
VCC
128
VCC
45
DQ16
129
DQ23
46
DQ17
130
DQ22
47
DQ18
131
DQ21
48
DQ19
132
DQ20
49
VSS
133
VSS
50
ZZ2
134
DQP3
51
VCC
135
VCC
52
DQ24
136
DQ31
53
DQ25
137
DQ30
54
DQ26
138
DQ29
55
DQ27
139
DQ28
56
VSS
140
VSS
57
NC5
141
DQP4
58
VCC
142
VCC
59
DQ32
143
DQ39
60
DQ33
144
DQ38
61
DQ34
145
DQ37
62
DQ35
146
DQ36
63
VSS
147
VSS
64
ZZ3
148
DQP5
65
VCC
149
VCC
66
DQ40
150
DQ47
67
DQ41
151
DQ46
68
DQ42
152
DQ45
69
DQ43
153
DQ44
70
VSS
154
VSS
71
NC
155
DQP6
72
VCC
156
VCC
73
DQ48
157
DQ55
74
DQ49
158
DQ54
75
DQ50
159
DQ53
76
DQ51
160
DQ52
77
VSS
161
VSS
78
ZZ4
162
DQP7
79
VCC
163
VCC
80
DQ56
164
DQ63
81
DQ57
165
DQ62
82
DQ58
166
DQ61
83
DQ59
167
DQ60
84
VSS
168
VSS


Similar Part No. - EDI2CG472128V12D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V10D2 WEDC-EDI2CG472256V10D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V12D2 WEDC-EDI2CG472256V12D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V15D2 WEDC-EDI2CG472256V15D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472256V9D2 WEDC-EDI2CG472256V9D2 Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
More results

Similar Description - EDI2CG472128V12D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com