Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI2CG272128V15D1 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI2CG272128V15D1
Description  2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2CG272128V15D1 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI2CG272128V15D1 Datasheet HTML 1Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 2Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 3Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 4Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 5Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 6Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 7Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 8Page - White Electronic Designs Corporation EDI2CG272128V15D1 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EDI2CG272128V
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2000
Rev. 0
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
The EDI2CG272128VxxD1 is a Synchronous/Synchronous
Burst SRAM, 72 position DIMM (144 contacts) Module,
small outline. The Module contains four (4) Synchronous
Burst Ram Devices, packaged in the industry standard
JEDEC 14mmx20mm TQFP placed on a Multilayer FR4
Substrate. The module architecture is defined as a Sync/
Sync Burst, Flow-Through, with support for linear burst.
This module provides High Performance, 2-1-1-1 accesses
when used in Burst Mode, and used as a Synchronous
Only Mode, provides a high performance cost advantage
over BiCMOS aysnchronous device architectures.
Synchronous Only operations are performed via strapping
ADSC# Low, and ADSP# / ADV# High, which provides
for Ultra Fast Accesses in Read Mode while providing for
internally self-timed Early Writes.
Synchronous/Synchronous Burst operations are in relation
to an externally supplied clock, Registered Address,
Registered Global Write, Registered Enables as well
as an Asynchronous Output enable. This Module has
been defined for Quad Words in both Read and Write
Operations.
*This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
FEATURES
2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
2x128Kx72 Synchronous, Synchronous Burst
Flow-Through Architecture
Linear and Sequential Burst Support via MODE pin
Access Speed(s): TKHQV = 8.5, 9, 12, 15ns
Clock Controlled Registered Bank Enables (E1#, E2#)
Clock Controlled Registered Address
Clock Controlled Registered Global Write (GW#)
Aysnchronous Output Enable (G#)
Internally Self-timed Write
Individual Bank Sleep Mode enables (ZZ1, ZZ2)
Gold Lead Finish
3.3V ± 10% Operation
Common Data I/O
High Capacitance (30pf) drive, at rated Access Speed
Single Total Array Clock
Multiple Vcc and Gnd
DESCRIPTION


Similar Part No. - EDI2CG272128V15D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V10D2 WEDC-EDI2CG472128V10D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V12D2 WEDC-EDI2CG472128V12D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V15D2 WEDC-EDI2CG472128V15D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V85D2 WEDC-EDI2CG472128V85D2 Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
More results

Similar Description - EDI2CG272128V15D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS88037BT-V GSI-GS88037BT-V Datasheet
765Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
logo
White Electronic Design...
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
logo
GSI Technology
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com