Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4169B5WP11E Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM4169B5WP11E
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4169B5WP11E Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM4169B5WP11E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4169B5WP11E Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
Modulation of Magnetic Field
The modulation envelope of the magnetic field induced by the reader is observed by the EM4069 as shown in the following
figure.
Synchronization pattern
SB
B0
B1
B2
B3
B4
B5
B6
B7
tS1
tS2
tS3
tRDB
Fig. 12
Comment to above timings:
tS1 : at least 4 samples of peak detector have to be HIGH. In worst case the distance between samples can be 2 bit periods.
tS2 : at least one sample LOW. 2 bit periods + some security since the IC and R/W unit are not synchronized. Duration of 3 bit
periods is suggested.
tS3 : one sample high to enter Command Processing state defines lower limit. Watchdog timer defines higher limit (8 bits
periods) Please note that during this time the Modulator load is permanently on so this is the worst case for Power Supply
level. So using shorter times than upper limit is advised. Duration of 3 bit periods is suggested.
Refer to table 4 for timings range.
In the above example, the Read ROM command (1010 0101) is sent.
After successful 8-bit command detection, the EM4069 will output continuously the ROM contents
.
Reset, Read ROM and Read Configuration Word
commands
After detecting these commands the IC returns in read
mode and starts reading corresponding block (EEPROM or
ROM).
Write Word and Write Configuration Word
commands
For Write commands, a total of 32 significant bits have to
be transferred from reader to EM4069. The 32 bits are
transferred in a sequence of 4 bytes. Each byte is headed
with start bit at logic 0 (as in normal 8-bit command) and
trailed with stop bit at logic 1. The antenna sends an
uninterrupted sequence of 40 bits (32 command bits, 4
start bits and 4 stop bits).
This data organization ensures re-synchronization of the
EM4069 with the reader signal, and avoids that wrong data
would be extracted due to missing or spurious clocks from
the clock-extractor of the IC.
The IC treats the Write command as follows:
First byte received is treated in the same way as for an 8-
bit command. In the case that the processing of the first
byte detects a Write Word command, it first puts the
modulator load OFF for 1/2 bit period. During this time, the
antenna field is High (as stop bit is at logic one) so the
internal power supply capacitor can be charged. Next the
EM4069 transitions to Start Bit Detection State with
modulator load ON and waits for start bit at logic 0. The
time out value is 2 tRDB. If time out is reached before a start
bit is detected, the IC then returns to the read mode.
Normally the start bit comes already after 1 tRDB and the
EM4069 then continues to process the next byte.
After the fourth byte has been detected, the EM4069
verifies if the CRC check is OK and if the word, which is
addressed for writing, is not protected by the configuration
word. Next, power check is performed to determine
whether there is enough power available to write
EEPROM. This operation lasts 1.5-bit periods. In the case
all conditions above are fulfilled (CRC, protection, power
check) EEPROM is written. If one of the conditions fails,
the EM4069 returns in read mode without writing
EEPROM.


Similar Part No. - EM4169B5WP11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4169B5WP11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com