Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4100C4WP11E Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM4100C4WP11E
Description  Read Only Contactless Identification Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100C4WP11E Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM4100C4WP11E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100C4WP11E Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R
EM4100
Copyright © 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum DC Current forced
on COIL1 & COIL2
Power Supply
Storage Temp. Die form
Storage Temp. PCB form
Electrostatic discharge
maximum to MIL-STD-883C
method 3015
ICOIL
VDD
Tstore
Tstore
VESD
±30mA
-0.3 to 7.5V
-55 to +200°C
-55 to +125°C
1000V
Stresses above these listed maximum ratings may cause
permanent damage to the device.
Exposure beyond specified operating conditions max affect
device reliability or cause malfunction.
Operating Conditions
Parameter
Symbol
Min.
Typ.
Max. Units
Operating Temp.
Maximum Coil
Current
AC Voltage on Coil
Supply Frequency
Top
ICOIL
Vcoil
fcoil
-40
3
100
14*
+85
10
150
°C
mA
Vpp
kHz
*) The AC Voltage on Coil is limited by the on chip voltage
limitation circuitry. This is according to the parameter Icoil in
the absolute maximum ratings.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however due to the unique
properties of this device, anti-static precautions should be
taken as for any other CMOS component.
System Principle
Antenna
Driver
Oscillator
Demodulator
Filter
and
Gain
Data decoder
Data received
from transponder
Tranceiver
Transponder
Coil1
Coil2
EM4100
Signal on coils
Transponder coil
Transeiver coil
RF Carrier
Data
Fig. 3


Similar Part No. - EM4100C4WP11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11 EMMICRO-EM4102A5WP11 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11E EMMICRO-EM4102A5WP11E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7 EMMICRO-EM4102A5WP7 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7E EMMICRO-EM4102A5WP7E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
More results

Similar Description - EM4100C4WP11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com