Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI2AG272129V85D1 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # EDI2AG272129V85D1
Description  2 Megabyte Sync/Sync Burst, Small Outline DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2AG272129V85D1 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button EDI2AG272129V85D1 Datasheet HTML 3Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 4Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 5Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 6Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 7Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 8Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 9Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 10Page - White Electronic Designs Corporation EDI2AG272129V85D1 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
EDI2AG272129V
July 1999
Rev 1
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE DESCRIPTION
Package No. 409
144 Lead
SO DIMM
U1
U3
R17
R18
P1
2.667 MAX.
1.000
MAX.
0.788
0.157
0.181 TYP
0.913
1.291
1.112
1.490
0.175
MAX.
ORDERING INFORMATION
Part Number
Organization
Voltage
Speed (ns)
Package
EDI2AG272129V85D1*
2x128Kx72
3.3
8.5
144 SO-DIMM
EDI2AG272129V9D1*
2x128Kx72
3.3
9
144 SO-DIMM
EDI2AG272129V10D1
2x128Kx72
3.3
10
144 SO-DIMM
EDI2AG272129V12D1
2x128Kx72
3.3
12
144 SO-DIMM
*Consult Factory for Availability


Similar Part No. - EDI2AG272129V85D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI2AG272129V85D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com