Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4550A6WS6 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4550A6WS6
Description  1 KBit Read/Write Contactless Identification Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4550A6WS6 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4550A6WS6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4550A6WS6 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Memory Organisation
The 1024 bit EEPROM is organised in 32 words of 32 bits. The first three words are assigned to the Password, the
Protection word, and the Control word. In order to write one of these three words, it is necessary to send the valid
password. At fabrication, the EM4450/4550 comes with all bits of the password programmed to a logic "0". The Password
cannot be read out. The memory contains two extra words of Laser ROM. These words are laser programmed during
fabrication for every chip, are unique and cannot be altered.
Memory Map
Bit 0
------------------------------
Bit 31
Word 0
PASSWORD
EE
Control Word
Protection Word
1
PROTECTION WORD
EE
0 – 7
First Word Read
0 – 7
First Word Read Protected
CONTROL WORD
EE
8 – 15
Last Word Read
8 – 15
Last Word Read Protected
3
EE
16
Password Check On/Off
16 – 23
First Word Write Inhibited
928 Bits of USER
17
Read After Write On/Off
24 – 31
Last Word Write Inhibited
EEPROM
18 – 31
User available
31
Password
32
DEVICE SERIAL NUMBER
Laser
Write Only – No Read Access
33
DEVICE IDENTIFICATION
Laser
On means bit set to logic '1'
Device Identification Word &
Off means bit set to logic '0'
Serial Number Word
Laser Programmed – Read only
Fig.5
Standard Read Mode
After a Power-On-Reset and upon completion of a command, the chip will execute the Standard Read Mode, in which it will
send data continuously, word by word from the memory section defined between the First Word Read (FWR) and Last
Word Read (LWR). When the last word is output, the chip will continue with the first word until the transceiver sends a
request. If FWR and LWR are the same, the same word will be sent repetitively. The Listen Window (LIW) is generated
before each word to check if the transceiver is sending data. The LIW has a duration of 320 (160 opt 32) periods of the RF
field. FWR and LWR have to be programmed as valid addresses (FWR
≤ LWR and ≤ 33).
The words sent by the EM4450/4550 comprise 32 data bits and parity bits. The parity bits are not stored in the EEPROM,
but generated while the message is sent as described below. The parity is even for rows and columns, meaning that the
total number of "1's" is even (including the parity bit).
Word organisation (Words 0 to 33)
Fig. 6
When a word is read protected, the output will consist of 45 bits set to logic "0". The password has to be used to output
correctly a read protected memory area.
D0
D1
D2
D3
D4
D5
D6
D7
P0
D8
D9
D10
D11
D12
D13
D14
D15
P1
D16
D17
D18
D19
D20
D21
D22
D23
P2
D24
D25
D26
D27
D28
D29
D30
D31
P3
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
0
First bit output
Data
Row Even Parity
Last bit output
logic '0'
Column Even Partiy


Similar Part No. - EM4550A6WS6

ManufacturerPart #DatasheetDescription
logo
EPCOS
EM4500XS EPCOS-EM4500XS Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
logo
Soberton Inc.
EM4513-BC SOBERTON-EM4513-BC Datasheet
558Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM4518 SOBERTON-EM4518 Datasheet
566Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM4530 SOBERTON-EM4530 Datasheet
790Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM4530P-C SOBERTON-EM4530P-C Datasheet
790Kb / 1P
   Omnidirectional Electret Condenser Microphone
More results

Similar Description - EM4550A6WS6

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com