Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4223V1WS11E Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4223V1WS11E
Description  Read-only UHF Radio Frequency Identification Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4223V1WS11E Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4223V1WS11E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4223V1WS11E Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
R
EM4223
Copyright
© 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Electrical Characteristics
VDD= 2.0V, TA=+25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating voltage
VDD – VSS
Vponf
3.5
V
Current consumption
IS
VDD-VSS = 1.5 V
2.0
3.9
uA
Power On Reset Rising
Vponr
1.2
V
Power On Reset Fall
Vponf
1.0
V
Electrostatic discharge
HBM to MIL-STD-
883 method 3015
VDD and VSS pad
A+ pad
1.5
0.5
KV
KV
Internal oscillator
frequency
Fosc
Over full temperature range
192
320
448
KHz
Input series Impedance
@900MHz
Rin
Cin
VDD – VSS < 1V
19
0.620
Ω
pF
Modulation depth
decoding
At typical pulse width
27 %
100 %
%
Table 3
Timing Characteristics
Over full voltage and temperature range, unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Link
(Reader to Transponder)
average
33
kbps
Pulse width
Tpw
100% modulation depth
6
10
14
uS
Pulse interval Data 0
Tpi0
100% modulation depth
12
20
28
uS
Pulse interval Data 1
Tpi1
100% modulation depth
24
40
56
uS
Return Link
(Transponder to Reader)
(note 1)
nominal at 25°C as selected by
factory programmed Personality Bit
40
or
160
kbps
Bit rate accuracy
short term (note 2)
During a message transmission
+/- 1
%
Bit rate accuracy
long term @1.5V
of nominal 40kb/s
+/- 15
%
Reply
to Receive
turn-around time
2
Bit
times
Receive to Reply
turn-around time
Depends on Transponders chosen
reply slot
150
uS
Tag Command window
Tcw
Opens at the start of the 3
rd bit
clock period after the end of the
last
bit
transmitted
by
the
Transponder to the reader. Closes
in the middle of the 5
th bit clock
period.
Note 1: VDD= 2.0V, TA=+25°C
Note 2: VDD = 2.0V
Table 4


Similar Part No. - EM4223V1WS11E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
More results

Similar Description - EM4223V1WS11E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com