Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F657 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F657
Description  Octal transceiver with 8-bit parit generator/checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F657 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F657 Datasheet HTML 3Page - NXP Semiconductors 74F657 Datasheet HTML 4Page - NXP Semiconductors 74F657 Datasheet HTML 5Page - NXP Semiconductors 74F657 Datasheet HTML 6Page - NXP Semiconductors 74F657 Datasheet HTML 7Page - NXP Semiconductors 74F657 Datasheet HTML 8Page - NXP Semiconductors 74F657 Datasheet HTML 9Page - NXP Semiconductors 74F657 Datasheet HTML 10Page - NXP Semiconductors 74F657 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F657
Octal transceiver with 8-bit parity generator/checker
90 July 30
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
Waveform 2
2.5
3.0
5.5
6.0
7.5
7.5
2.5
3.0
8.0
8.0
2.0
2.5
9.0
9.0
ns
tPLH
tPHL
Propagation delay
An to PARITY
Waveform 1, 2
7.0
7.0
10.0
10.0
14.0
15.0
7.0
7.0
16.0
16.0
5.5
6.5
16.5
19.0
ns
tPLH
tPHL
Propagation delay
ODD/EVEN to PARITY,
ERROR
Waveform 1, 2
4.5
4.5
7.5
8.0
11.0
11.5
4.5
4.5
12.0
12.5
3.5
4.0
13.0
15.5
ns
tPLH
tPHL
Propagation delay
Bn to ERROR
Waveform 1, 2
8.0
8.0
14.0
14.0
20.5
20.5
7.5
7.5
22.5
22.5
7.5
7.5
24.5
25.0
ns
tPLH
tPHL
Propagation delay
PARITY to ERROR
Waveform 1, 2
8.0
8.0
11.5
12.0
15.5
15.5
7.5
8.0
16.5
17.0
6.5
6.5
18.5
20.0
ns
tPZH
tPZL
Output enable time1
to high or low level
Waveform 3, 4
3.0
4.0
5.5
7.0
8.0
9.5
3.0
4.0
9.0
11.0
2.0
4.0
9.0
13.0
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 3, 4
2.0
2.0
4.5
4.0
7.5
6.0
2.0
2.0
8.0
6.5
1.0
1.0
8.0
7.5
ns
Note to AC electrical characteristics
1. These delay times reflect the 3-state recovery time only and not the signal through the buffers or the parity check circuitry. To assure VALID
information at the ERROR pin, time must be allowed for the signal to propagate through the drivers (B to A), through the parity check circuitry
(same as A to PARITY), and to the ERROR output. VALID data at the ERROR pin > (B to A) + (A to PARITY).
AC WAVEFORMS
VM
VM
VM
VM
tPLH
tPHL
An, Bn,
ODD/EVEN,
PARITY
PARITY,
ERROR
SF00418
Waveform 1. Propagation delay for inverting outputs
VM
VM
VM
VM
tPHL
tPLH
An, Bn,
PARITY,
ERROR
An, Bn,
ODD/EVEN,
PARITY
SF00420
Waveform 2. Propagation delay for non-Inverting outputs
VM
VM
VM
tPHZ
tPZH
OE
VOH -0.3V
0V
An, Bn,
PARITY,
ERROR
SF00419
Waveform 3. 3-state output enable time to high level and output
disable time from high level
VM
VM
VM
tPLZ
tPZL
OE
VOL +0.3V
3.5V
An, Bn,
PARITY,
ERROR
SF00421
Waveform 4. 3-state output enable time to low level and output
disable time from low level
Note to AC waveforms
1. For all waveforms, VM = 1.5V.


Similar Part No. - 74F657

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
74F657 TI1-74F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
logo
Fairchild Semiconductor
74F657SPC FAIRCHILD-74F657SPC Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results

Similar Description - 74F657

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
List of Unclassifed Man...
74180 ETC1-74180 Datasheet
59Kb / 2P
   8-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ657 NSC-54ACTQ657 Datasheet
229Kb / 10P
   Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com