Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4223V3WW11E Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4223V3WW11E
Description  Read-only UHF Radio Frequency Identification Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4223V3WW11E Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM4223V3WW11E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4223V3WW11E Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
R
EM4223
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
Reader Command
Transponder Operation in
ISO Mode
Transponder Operation in
Fast Supertag
™ Mode
INIT_ROUND
Initialises the start of the arbitration sequence
and tells the Transponder over how many slots
to randomise the transmit slot selection.
Configures the Transponder to transmit the
SUID data or the full 128 bit User Data to the
Reader dependent on the SUID parameter in
the command. Moves the Transponder from the
READY to the ROUND_ACTIVE states if the
Transponders AFI matches the AFI in the
command or if the AFI in the command = 0x00 .
If the AFI in the command is non-zero and does
not match the AFI in the Tag, causes the Tag to
move from the ROUND_ACTIVE to the READY
states.
Not supported in Fast Supertag
™ Mode –
causes the Transponder to immediately
switch to ISO Mode.
BEGIN_ROUND
Initialises the start of the arbitration sequence
and tells the Transponder over how many slots
to randomise the transmit slot selection.
Configures the transponder to transmit the
SUID data where DSFID field is replaced by
AFI field, or the full 128 bit User Data to the
reader, depending in the SUID parameter in the
command. Moves the Transponder from the
READY to the ROUND_ACTIVE states if the
number of bits of the Transponders User Data
specified in the command is identical to the
matching data in the command Mask
parameter .
Not supported in Fast Supertag
™ Mode –
causes the Transponder to immediately
switch to ISO Mode.
INIT_ROUND_ALL
Initialises the start of the arbitration sequence
and tells the Transponder over how many slots
to randomise the transmit slot selection.
Configures the Transponder to transmit the
SUID data or the full 128 bit User Data to the
Reader dependent on the SUID parameter in
the command. Moves the Transponder from the
READY to the ROUND_ACTIVE states.
Not supported in Fast Supertag
™ Mode –
causes the Transponder to immediately
switch to ISO Mode.
NEW_ROUND
Causes the EM4223 to enter a new Round and
to change the number of pseudo-slots over
which it randomises its transmissions. Tags in
the READY state will ignore this command.
Causes the EM4223 to change the number of
pseudo-slots over which it randomises its
transmissions. Tags in the READY state will
ignore this command.
WAKE_UP_FST
Not supported in ISO Mode – causes the
Transponder to immediately switch to Fast
Supertag
™ Mode.
Initialises the start of the Fast Supertag
arbitration sequence and tells the
Transponder over how many slots to
randomise the transmit slot selection.
Configures the Transponder to transmit the
full 128 bit User Data to the Reader
irrespective of the SUID parameter in the
command. Moves the Tag from the
ROUND_STANDBY to the ROUND_ACTIVE
states or from the READY to the
ROUND_ACTIVE states if the Mask
parameter matches, else moves Tag to the
READY state.


Similar Part No. - EM4223V3WW11E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
More results

Similar Description - EM4223V3WW11E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com