Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4150A6WS27 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM4150A6WS27
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150A6WS27 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM4150A6WS27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4150A6WS27 Datasheet HTML 14Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
R
EM4150
EM4350
Communication from the Transceiver to the Transponder (RECEIVE MODE)
(cont.)
While the transceiver is sending data to the transponder, two different modulations will be observed on both coils. During
the first half of the bit period, the EM4150 is switching "ON" its modulation device causing a modulation of the RF field. This
modulation can also be observed on the transceiver's coil. The transceiver sending a bit "0" will switch "OFF" the field,
causing a 100% modulation being observed on the transponder coil.
Transceiver
Coil
Transponder
Coil
"1"
"1"
"1"
"0"
"0"
"0"
16
16
Periods of RF field (Opt 32):
Bit
Period
DATA
:
Modulation induced by the Transceiver
Modulation induced by the Transponder
16
*
* Recommended
Minimum
: 7/4 periods (Opt64/Opt32)
16
Periods of RF field (Opt 64):
32
32
32
32
: 1 period
Fig. 23
Copyright
© 2004, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com


Similar Part No. - EM4150A6WS27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4150A6WS27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com