Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP110-9917 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP110-9917
Description  LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP110-9917 Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP110-9917 Datasheet HTML 1Page - Artesyn Technologies NLP110-9917 Datasheet HTML 2Page - Artesyn Technologies NLP110-9917 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Free air convection.
Multiple output units: maximum continuous output power not to exceed
80W.
For -9993; I3.3V = 13A max.; I5.0V = 13A max.; I3.3V +I5.0V ≤ 16A.
For -9994; I3.3V = 13A max.; I2.5V = 13A max.; I3.3V +I2.5V ≤ 16A
For -9995; I3.3V = 13A max.; I12V = 6.5A max.; I3.3V +I12V ≤ 16A.
For -9908; I5.0V = 13A max.; I12V = 6.5A max.; I5.0V +I12V ≤ 16A.
Single output units: maximum continuous output power not to exceed;
75W on –9905; 76.8W on –9912,-9924, and –9917.
2
150LFM forced air cooling from L4 side.
Multiple output units: maximum continuous output power not to exceed
105W.
For -9993; I3.3V = 16A max.; I5.0V = 16A max.; I3.3V +I5.0V ≤ 20A.
For -9994; I3.3V = 16A max.; I2.5V = 16A max.; I3.3V +I2.5V ≤ 20A
For -9995; I3.3V = 16A max.; I12V = 8.5A max.; I3.3V +I12V ≤ 20A.
For -9908; I5.0V = 16A max.; I12V = 8.5A max.; I5.0V +I12V ≤ 20A.
Single output units: maximum continuous output power not to exceed
110W for all models.
3
300LFM forced air cooling from L4 side.
Multiple output units: maximum continuous output power not to exceed
110W.
For -9993; I3.3V = 20A max.; I5.0V = 18A max.; I3.3V +I5.0V ≤ 22A.
For -9994; I3.3V = 20A max.; I2.5V = 20A max.; I3.3V +I2.5V ≤ 22A
For -9995; I3.3V = 20A max.; I12V = 8.5A max.; I3.3V +I12V ≤ 22A.
For -9908; I5.0V = 20A max.; I12V = 8.5A max.; I5.0V +I12V ≤ 22A.
Single output units: maximum continuous output power not to exceed
110W for all models.
4
Peak output current lasting less than 30 seconds with duty cycle less
than 5%. During peak loading, output voltage may exceed total
regulation limits.
5
Figure is peak-to-peak for convection power rating. Output noise
measurements are made across a 20MHz bandwidth using a 6” twisted
pair, terminated with a 10µF electrolytic capacitor and a 0.1µF ceramic
capacitor.
N
6
Minimum load required for correct start-up and operation on single
outputs and on main output of multiple versions. Failure to observe
minimum load on main output will not allow the supply to start-up
correctly. Some electronic test loads have a large delay time before they
start drawing current even though the voltage from the supply is present.
During this time delay, there is no load on the output and as a result, the
supply cannot start-up properly and maintain its correct output voltage.
In these instances, a dummy resistive load across the output may be
necessary to load the output of the supply until the test load can function
correctly and draw the intended minimum load. Minimum load required
on auxiliary outputs to maintain regulation.
7
For models NLP110-9908 and NLP110-9995, the 12V output is floating.
For -12V output, pin 11 on J2 has to be connected to Return making pin
12 the -12V output
8
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4G
rms 5Hz to 500Hz.
9
For optimum reliability, no part of the heatsink should exceed 110oC, and
no semiconductor case temperature should exceed 120oC.
10 CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
11 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
12 The EMI specifications reference measurements made with the power
supply mounted on a grounded metal sheet extending 1 inch beyond
each edge, using an unshielded cable. No external filtering required
during conducted emissions testing but some applications may require
additional filtering to achieve system compliance. A line choke, (AC input
cords looped twice through an EMI suppression toroid) was used during
radiated emissions testing. Considerable radiated testing in 1U six-sided
boxes has shown that units can meet level B in typical systems.
Application support is available from the factory to assist with EMI
compliance.
13 All models require a minimum mounting stand-off of 6.35mm (0.25
inches) in the end use product.
NLP110 Medical Series
Single and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110W AC/DC Universal Input Switch Mode Power Supplies
2
www.artesyn.com
File Name: NLP110M.PDF Rev: 13 Dec 2002
International Safety Standard Approvals
VDE0750/IEC60601-1 and EN60601-1
UL2601-1 and C22.2 No. 601.1-M90.
OUTPUT
OUTPUT CURRENT
RIPPLE (5)
TOTAL
MODEL
VOLTAGE
MIN (6)
MAX (1)
150LFM (2)
300LFM (3)
PEAK (4)
REGULATION
NUMBERS
+5V
0.5A
15A
22A
22A
22A
50mV
±2.0%
NLP110-9905
+12V
0.3A
6.4A
9.2A
9.2A
11.5A
120mV
±2.0%
NLP110-9912
+48V
0A
1.6A
2.3A
2.3A
2.5A
240mV
±2.0%
NLP110-9917
+24V
0.2A
3.2A
4.6A
4.6A
6.0A
240mV
±2.0%
NLP110-9924
+5V (A)
0.5A
13A
16A
18A
18A
50mV
±2.0%
NLP110-9993
+3.3V (B)
0.2A
13A
16A
20A
20A
50mV
±2.0%
+12V
0A
0.65A
1.0A
1A
1.0A
120mV
±5.0%
+3.3V (A)
0.5A
13A
16A
20A
22A
50mV
±2.0%
NLP110-9994
+2.5V (B)
0.1A
13A
16A
20A
22A
50mV
±2.0%
+12V
0A
0.65A
1.0A
1A
1.0A
120mV
±5.0%
+12V (A)
0.2A
6.5A
8.5A
8.5A
10A
1200mV
±2.0%
NLP110-9995 (7)
+3.3V (B)
0.5A
13A
16A
20A
22A
50mV
±2.0%
-12V
0A
0.65A
1.0A
1A
1.0A
120mV
±5.0%
+12V (A)
0.2A
6.5A
8.5A
8.5A
10A
120mV
±2.0%
NLP110-9908 (7)
+5V (B)
0.2A
13A
16A
18A
22A
50mV
±2.0%
-12V
0A
0.65A
1.0A
1A
1.0A
120mV
±5.0%


Similar Part No. - NLP110-9917

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP110-9605J EMERSON-NETWORKPOWER-NLP110-9605J Datasheet
254Kb / 4P
   110 W ac-dc open frame power supply
NLP110-9605J EMERSON-NETWORKPOWER-NLP110-9605J Datasheet
1Mb / 4P
   Provides low voltage outputs
NLP110-9608J EMERSON-NETWORKPOWER-NLP110-9608J Datasheet
254Kb / 4P
   110 W ac-dc open frame power supply
NLP110-9608J EMERSON-NETWORKPOWER-NLP110-9608J Datasheet
1Mb / 4P
   Provides low voltage outputs
NLP110-9612J EMERSON-NETWORKPOWER-NLP110-9612J Datasheet
254Kb / 4P
   110 W ac-dc open frame power supply
More results

Similar Description - NLP110-9917

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLS110-9602 ARTESYN-NLS110-9602 Datasheet
60Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP25 ARTESYN-NLP25 Datasheet
49Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP70 ARTESYN-NLP70 Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP40 ARTESYN-NLP40 Datasheet
57Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP65 ARTESYN-NLP65 Datasheet
63Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com