Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4100C4WS7E Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4100C4WS7E
Description  Read Only Contactless Identification Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100C4WS7E Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4100C4WS7E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100C4WS7E Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R
EM4100
Block Diagram
CLOCK
EXTRACTOR
FULL WAVE
RECTIFIER
DATA
MODULATOR
SEQUENCER
DATA
ENCODER
MEMORY
ARRAY
Logic
Clock
Serial
Data Out
Modulation
Control
Cres
COIL1
COIL2
AC1
AC2
+
-
Csup
VDD
VSS
a
a: open only for PSK version
Fig. 5
Functional Description
General
The EM4100 is supplied by means of an electromagnetic
field induced on the attached coil. The AC voltage is
rectified in order to provide a DC internal supply voltage.
When the last bit is sent, the chip will continue with the first
bit until the power goes off.
Full Wave Rectifier
The AC input induced in the external coil by an incident
magnetic field is rectified by a Graetz bridge. The bridge
will limit the internal DC voltage to avoid malfunction in
strong fields.
Clock Extractor
One of the coil terminals (COIL1) is used to generate the
master clock for the logic function. The output of the clock
extractor drives a sequencer.
Sequencer
The sequencer provides all necessary signals to address
the memory array and to encode the serial data out.
Three mask programmed encoding versions of logic are
available. These three encoding types are Manchester,
biphase and PSK. The bit rate for the first and the second
type can be 64 or 32 periods of the field frequency. For the
PSK version, the bit rate is 16.
The sequencer receives its clock from the COIL1 clock
extractor and generates every internal signal controlling the
memory and the data encoder logic.
Data Modulator
The data modulator is controlled by the signal Modulation
Control in order to induce a high current in the coil. In the
PSK version, only COIL2 transistor drives this high current.
In the other versions, both coil1 and coil2 transistors drive it
to Vdd. This will affect the magnetic field according to the
data stored in the memory array.
Resonance Capacitor
This capacitor can be trimmed in factory by 0.5pf steps to
achieve the absolute value of 74pf typically. This option,
which is on request, allows a smaller capacitor tolerance on
the whole of the production.
Copyright © 2004, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com


Similar Part No. - EM4100C4WS7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11 EMMICRO-EM4102A5WP11 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11E EMMICRO-EM4102A5WP11E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7 EMMICRO-EM4102A5WP7 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7E EMMICRO-EM4102A5WP7E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
More results

Similar Description - EM4100C4WS7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com