Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4069B5WP7E Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM4069B5WP7E
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4069B5WP7E Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM4069B5WP7E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4069B5WP7E Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Timing Characteristics
VDD = 3.0 V, VSS = 0 V, fCOIL1 = 125 kHz square wave, VCOIL1 = 5V, TOP = 25°C, unless otherwise specified
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Option : 64 RF periods per bit
Read bit period
tRDB
64
RF periods
EEPROM write time
tWee
20
ms
Synchronization pattern phase 1
tS1
4.1
5.0
ms
Synchronization pattern phase 2
tS2
1.5
2.0
ms
Synchronization pattern phase 3
tS3
1.5
4.0
ms
Option : 32 RF periods per bit
Read bit period
tRDB
32
RF periods
EEPROM write time
tWee
20
ms
Synchronization pattern phase 1
tS1
2.1
2.5
ms
Synchronization pattern phase 2
tS2
0.8
1.0
ms
Synchronization pattern phase 3
tS3
0.8
2.0
ms
RF periods represent periods of the carrier frequency emitted by the transceiver unit.
See figure 12 for Synchronization pattern phases.
Due to amplitude modulation of the coil-signal, the clock-extractor may miss clocks or add spurious clocks close to
the edges of the RF-envelope. This desynchronization will not be larger than
±±±± 3 clocks per bit and must be taken into
account when developing reader software.
Block Diagram
Modulator
Control
Logic
EEPROM
Clock
Extractor
Sequencer
Data
Extractor
CR
Cbuf
VDD
VSS
Power
Supply
Reset
Power on
Reset
COIL1
VSS
ROM
Fig. 3


Similar Part No. - EM4069B5WP7E

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4006F9WP11 EMMICRO-EM4006F9WP11 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results

Similar Description - EM4069B5WP7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com