Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4150A5WS21 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM4150A5WS21
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150A5WS21 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM4150A5WS21 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4150A5WS21 Datasheet HTML 14Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
R
EM4150
EM4350
Communication from Transponder to the Transceiver ( READ MODE)
The EM4150 modulates the amplitude of the RF field to transmit data to the transceiver. Data are output serially from the
EEPROM and Manchester encoded.
1 bit
64 periods of RF field (Opt64)
32 periods of RF field (Opt32)
Coded Data Measured on the COIL
Data from EEPROM
32 periods (Opt64)
16 periods (Opt32)
1 bit
1 bit
1 bit
Opt64 is the chip option with a bit period corresponding to 64 periods of the RF field
Opt32 is the chip option with a bit period corresponding to 32 periods of the RF field
Fig. 21
The EM4150 uses different patterns to send status information to the transceiver. Their structure can not be confused with a
bit pattern sequence. These patterns are the Listen Window (LIW) to inform the transceiver that data can be accepted, the
Acknowledge (ACK) indicating proper communication and end of EEPROM write, and the No Acknowledge (NAK) when
something is wrong.
The LIW, due to its special structure, can be used to synchronize the transceiver during a read operation. The LIW is sent
before each word, and is sent twice before FWR.
LIW
ACK
NAK
All numbers represent number of periods of RF field
32 32
128
64
64
32 32
96
32
64
32 32
32 32
96
32
96
32
16 16
48
16
32
16 16
16 16
48
16
48
16
16 16
64
32
32
(Opt64)
(Opt32)
(Opt64)
(Opt32)
(Opt64)
(Opt32)
Opt64 is the chip option with a bit period corresponding to 64 periods of the RF field
Opt32 is the chip option with a bit period corresponding to 32 periods of the RF field
Fig. 22
Communication from the Transceiver to the Transponder (RECEIVE MODE)
The EM4150 can be switched to the Receive Mode ONLY DURING A LISTEN WINDOW. The Transceiver is synchronized
with the incoming data from the transponder and expects a LIW before each word. During the phase where the chip has its
modulator "ON" (64/32 periods of RF [Opt64/Opt32] ), the transceiver has to send a bit "0". A certain phase shift in the read
path of the transceiver can be accepted due to the fact that when entering Receive Mode, the Transceiver becomes the
Master.
At reception of the first "0", the chip immediately stops the LIW sequence and then expects another bit "0" to activate the
receive mode. Once the EM4150 has received the first bit "0", the transceiver is imposing the timing for synchronisation.
The EM4150 turns "ON" its modulator at the beginning of each frame of a bit period. To send a logic "1" bit, the transceiver
continues to send clocks without modulation. After half a bit period, the modulation device of the EM4150 is turned "OFF"
allowing recharge of the internal supply capacitor. To send a logic "0" bit, the transceiver stops sending clocks (100%
modulation) during the first half of a bit period. The transceiver must not turn "OFF" the field after 7/4 clocks of the bit period
(Opt64/Opt32). The field is stopped for the remaining first half of the bit period, and then turned "ON" again for the second
half of the bit period. The 32rd/16th clock (Opt64/Opt32) defines the end of the bit
To ensure synchronisation between the transceiver and the transponder, a logic bit set to "0" has to be transmitted at
regular intervals. The RM pattern consists of two bits set to "0" thus allowing initial synchronisation. In addition, the chosen
data structure contains even parity bits which will not allow more than eight consecutive bits set to logic "1" where no
modulation occurs.
Copyright
© 2004, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com


Similar Part No. - EM4150A5WS21

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4150A5WS21

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com