Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3499DV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3499DV
Description  P-Channel 1.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3499DV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3499DV Datasheet HTML 1Page - Vishay Siliconix SI3499DV Datasheet HTML 2Page - Vishay Siliconix SI3499DV Datasheet HTML 3Page - Vishay Siliconix SI3499DV Datasheet HTML 4Page - Vishay Siliconix SI3499DV Datasheet HTML 5Page - Vishay Siliconix SI3499DV Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si3499DV
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73138
Pending—Rev. A, 18-Oct-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.35
−0.75
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "5 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −8 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −8 V, VGS = 0 V, TJ = 85_C
−10
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −4.5 V
−20
A
VGS = −4.5 V, ID = −7 A
0.019
0.023
Drain Source On State Resistancea
rDS( )
VGS = −2.5 V, ID = −6.2 A
0.024
0.029
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −1.8 V, ID = −5.2 A
0.028
0.036
W
VGS = −1.5 V, ID = −3 A
0.035
0.048
Forward Transconductancea
gfs
VDS = −5 V, ID = −7 A
28
S
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
−0.63
−1.1
V
Dynamicb
Total Gate Charge
Qg
28
42
Gate-Source Charge
Qgs
VDS = −4 V, VGS = −4.5 V, ID = −7 A
2.9
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
5.8
Gate Resistance
Rg
4
8.5
13
W
Turn-On Delay Time
td(on)
27
40
Rise Time
tr
VDD = −4 V, RL = 4 W
65
100
Turn-Off Delay Time
td(off)
VDD = −4 V, RL = 4 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
210
315
ns
Fall Time
tf
g
110
165
ns
Source-Drain Reverse Recovery Time
trr
IF = −1.7 A, di/dt = 100 A/ms
40
70
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
0.0
0.4
0.8
1.2
1.6
2.0
0
5
10
15
20
25
30
0
1234
5
VGS = 5 thru 2 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1 V
1.5 V


Similar Part No. - SI3499DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI3499DV VISHAY-SI3499DV Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3499DV-T1-E3 VISHAY-SI3499DV-T1-E3 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
logo
VBsemi Electronics Co.,...
SI3499DV-T1-GE3 VBSEMI-SI3499DV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
More results

Similar Description - SI3499DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI1032R VISHAY-SI1032R_10 Datasheet
199Kb / 9P
   N-Channel 1.5 V (G-S) MOSFET
Rev. F, 08-Nov-10
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com