Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4150A5WT11 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4150A5WT11
Description  1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4150A5WT11 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM4150A5WT11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4150A5WT11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
R
EM4150
EM4350
Power On Reset (POR)
When the EM4150 with its attached coil enters an
electromagnetic field, the built in AC/DC converter will
supply the chip. The DC voltage is monitored and a
Reset signal is generated to initialise the logic. The
contents of the Control word and Protection word will be
downloaded to enable the functions (INIT). The Power
On Reset is also provided in order to make sure that the
chip will start issuing correct data. Hysteresis is provided
to avoid improper operation at the limit level.
t
VDD
t
Reset
V
V
EM4150 Active
tinit
prh
prhys
Fig. 18
Lock All / Lock Memory Area
The EM4150 can be converted to a Read Only chip or be
configured to Read/Write and Read Only Areas by
programming the protection word. This configuration can
be locked by write inhibiting the Write Protection Word.
Great care should be taken in doing this operation as
there is no further possibility to change the Write
Protection Word. The Control Word can also be
protected in the same way thus freezing the operation
mode.
Clock Extractor
The Clock extractor will generate a system clock with a
frequency corresponding to the frequency of the RF field.
The system clock is used by a sequencer to generate all
internal timings.
Data Extractor
The transceiver generated field will be amplitude
modulated to transmit data to the EM4150. The Data
extractor demodulates the incoming signal to generate
logic levels, and decodes the incoming data.
Modulator
The Data Modulator is driven by the serial data output
from the memory which is Manchester encoded. The
modulator will draw a large current from both coil
terminals, thus amplitude modulating the RF field
according to the memory data.
AC/DC Converter and Voltage Limiter
The AC/DC converter is fully integrated on chip and will
extract the power from the incident RF field. The internal
DC voltage will be clamped to avoid high internal DC
voltage in strong RF fields.
Resonance Capacitor
The Resonance Capacitor is integrated, and its tolerance
is adjusted to ± 2% over the whole production.
Typical Capacitor Variation
versus Temperature
Temperature [°C]
99.7
99.8
99.9
100.0
100.1
100.2
100.3
-50
-30
-10
10
30
50
70
90
Cr Tolerance [%]
Fig. 19
Special Timings
The Processing Pause Time (tpp), Write Access Time
(twa) and EEPROM Write Time (Twee) are timings
where the EM4150 is executing internal operations.
During these pauses, the RF field will be influenced.
During Twa and Twee, the signal on the coil is
damped due to a higher current consumption.
32 32
RF periods :
tpp
Same modulation
as for a normal bit
16 16
(Opt64)
(Opt32)
64
32
(Opt64)
(Opt32)
twa
3200
2624
(Opt64)
(Opt32)
twee
Fig. 20
Copyright
© 2004, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com


Similar Part No. - EM4150A5WT11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4150A5WT11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com