Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F646 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F646
Description  Octal transceiver/register, non-inverting 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F646 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F646 Datasheet HTML 1Page - NXP Semiconductors 74F646 Datasheet HTML 2Page - NXP Semiconductors 74F646 Datasheet HTML 3Page - NXP Semiconductors 74F646 Datasheet HTML 4Page - NXP Semiconductors 74F646 Datasheet HTML 5Page - NXP Semiconductors 74F646 Datasheet HTML 6Page - NXP Semiconductors 74F646 Datasheet HTML 7Page - NXP Semiconductors 74F646 Datasheet HTML 8Page - NXP Semiconductors 74F646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
74F646/A/74F648/A
Transceivers/registers
1990 Sep 25
5
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
OE
DIR
CPAB
CPBA
SAB
SBA
An
Bn
74F646/74F646A
74F648/74F648A
X
X
X
X
X
Input
Unspecified*
Store A, B unspecified*
Store A, B unspecified*
X
X
X
X
X
Unspecified*
Input
Store B, A unspecified*
Store B, A unspecified*
H
X
X
X
Input
Input
Store A and B data
Store A and B data
H
X
H or L
H or L
X
X
Input
Input
Isolation, hold storage
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real time B data to A bus
Real time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
Stored B data to A bus
L
H
X
X
L
X
Input
Output
Real time A data to B bus
Real time A data to B bus
L
H
H or L
X
H
X
Input
Output
Stored A data to B bus
Stored A data to B bus
NOTES:
1. H = High–voltage level
2. L
= Low–voltage level
3. X = Don’t care
4.
↑ = Low–to–high clock transition
5. *
= The data output function may be enabled or disabled by various signals at the OE and DIR inputs. Data input functions are
always enabled, i.e., data at the bus pins will be stored on every low–to–high transition of the clock.
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
74F646A, 74F648A
72
mA
74F646, 74F648
128
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–15
mA
IOL
Low–level output current
74F646A, 74F648A
48
mA
74F646, 74F648
64
mA
Tamb
Operating free air temperature range
0
+70
°C


Similar Part No. - 74F646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74F646 NSC-74F646 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74F646B NSC-74F646B Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646BFCQB NSC-74F646BFCQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

Similar Description - 74F646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com