Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4169B6WS7E Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4169B6WS7E
Description  128 bit Read/Write Contactless Identification Device with OTP function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4169B6WS7E Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4169B6WS7E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4169B6WS7E Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EM4069
EM4169
Copyright
 2003, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
EM4069 Modes of operation
Sync-Pattern
INIT
EEPROM Read Mode
Command State
RF-field detected
IDLE
Reset
Command
Command finished
Fig. 5
Read Mode
The EM4069 holds 128 bits of user EEPROM. These 128
bits are cyclically read out by default. Using the write
command, the EEPROM words can be modified. The
EEPROM contains an additional configuration word used
to protect writing in the EEPROM
The EM4069 additionally holds a unique 64 bit read only
identification code, which can be accessed by using the
Read ROM command.
Manchester encoding
One bit period lasts 64 (or 32) field frequency periods
(512 (or 256)
µs at 125 kHz). The Manchester coding
shows a transition from ON to OFF or from OFF to ON in
the middle of bit period. At the transition from logic bit “1”
to logic bit “0” or logic bit “0” to logic bit “1” the phase
change. Value "high" of data stream presented below
represents modulator switch OFF, "low" represents
switch ON (see figure 6a).
Bi-phase encoding
One bit period lasts 64 (or 32) field frequency periods
(512 (or 256)
µs at 125 kHz). The BI-phase coding shows
a transition from ON to OFF or from OFF to ON in the
middle of a bit period when the data bit is a logical “0”. A
logical bit set to “1” will keep its ON or OFF state for the
whole bit period. There is always a transition from ON to
OFF or from OFF to ON at the beginning of a bit period.
The picture below shows part of a data stream. Value
“high” of data stream represents modulator load OFF,
“low” represents modulator load ON (see figure 6b).
Manchester encoding
X 1
1
1
1
1
1
1
1
1
0
1
0
1
0
0
0
1
1
0
Binary data
Memory output
Modulator control
Modulation control “low” means high current
Fig. 6a
Bi-phase encoding
0
1
10
10
0
1
Modulation control “low” means high current
Binary data
Memory output
Modulator control
Fig. 6b


Similar Part No. - EM4169B6WS7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4169B6WS7E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
   512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com