Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4223V4WW11 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4223V4WW11
Description  Read-only UHF Radio Frequency Identification Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4223V4WW11 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM4223V4WW11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4223V4WW11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
R
EM4223
Copyright
© 2005, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
Begin-
Round
Always = 0
OB
SUID
1 bit
Round
size
3 bits
5 bits
Mask
length
8 bits
Mask
value
0-136
bits
16 bits
Tags that match the MASK
value of MASK length will
move to the ROUND_ACTIVE
state from the
ROUND_STANDBY or
READY states or will remain
in the ROUND_ACTIVE state
if already there. Tags that do
not match the Mask will move
to the READY from either
ROUND_ACTIVE or
ROUND_STANDBY states.
SUID = 0 tag responds with
the 128 bits of user data.
SUID = 1 tag responds with
SUID, where the DSFID field
is replaced by AFI field. Also
moves Transponders already
active in FST mode to ISO
mode.
Wake-Up-
FST
Always = 0
39
SUID
1 Bit
Round
size
3 bits
5 bits
Wakes tag up in the Fast
Supertag™ mode. Also
moves tags already active in
ISO mode to FST mode. SUID
= 0 tag responds with the 128
bits of user data SUID = 1 tag
responds with SUID.
Mute
Low
Pulse
Implied command in FST
mode. When tag receives an
SOF it moves to the
ROUND_STANDBY state.
The tag returns to the active
state on receipt of a next-slot
or init-round or new-round
command, or when a period of
2.5 X 176 tag bit periods has
elapsed since the last Mute
command (176 bits =
maximum message length).
Table 5- Supported Commands
Mandatory ISO commands op-codes are marked with an * and command titles are in bold type face.


Similar Part No. - EM4223V4WW11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
More results

Similar Description - EM4223V4WW11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com