Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1000-QT-EV1 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XX1000-QT-EV1
Description  7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-QT-EV1 Datasheet(HTML) 5 Page - Mimix Broadband

  XX1000-QT-EV1 Datasheet HTML 1Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 2Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 3Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 4Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 5Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 6Page - Mimix Broadband XX1000-QT-EV1 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
Pin
3
5
6
7
10
13
15
Description
RF In
Vg1
Vss
Vg2
RF Out
Vd2
Vd1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
7.5-22.5/15.0-45.0 GHz Active Doubler
QFN, 3x3 mm
App Note [1] Biasing
- It is recommended to separately bias each doubler stage with Vd(1,2)=5.0V with Id1=80mA and Id2=140mA
and Vss=-5.0V with Iss=50mA. XX1000-QT provides good performance at reduced bias with Vss=-2.0V and Iss=25mA. Maximum
output power is achieved with Vss=-5.0V and Iss=50mA. Separate biasing is recommended if the doubler is to be used at high levels
of saturation, where gate rectification will alter the effective gate control voltage. It is also recommended to use active biasing to
keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the
supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational
amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to
maintain correct drain current and thus drain voltage. The typical gate voltages needed to do this are Vg1=-0.6V and Vg2=0.0V.
Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to
ensure negative gate bias is available before applying the positive drain supply.
MTTFTables (TBD)
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd1=Vd2=4.0V, Id1=40 mA, Id2=140 mA, Vss=-5.0V, Iss=50mA
X1000-QT
April 2006 - Rev 28-Apr-06
Functional Schematic
Top View


Similar Part No. - XX1000-QT-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1000-QT-EV1 MIMIX-XX1000-QT-EV1 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT-EV1 MIMIX-XX1000-QT-EV1 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
More results

Similar Description - XX1000-QT-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com