Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4100A6WT11 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM4100A6WT11
Description  Read Only Contactless Identification Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A6WT11 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM4100A6WT11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A6WT11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R
EM4100
Copyright © 2004, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Electrical Characteristics
VDD = 1.5V, VSS = 0V, fC1 = 134kHz square wave, Ta = 25°C
VC1 = 1.0V with positive peak at VDD and negative peak at VDD -1V unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
Rectified Supply Voltage
Coil1 - Coil2 Capacitance
Power Supply Capacitor
VDD
VDDREC
Cres
Csup
VCOIL1 - VCOIL2 = 2.8 VDC
Modulator switch = “ON”
Vcoil=100mVRMS
f=10kHz
1.5
1.5
74 2)
120
1)
V
V
pF
pF
Biphase & Manchester
Versions
Supply Current
C2 pad Modulator ON
voltage drop
C1 pad Modulator ON
voltage drop
IDD
VONC2
VONC1
VDD=1.5V
IVDDC2=100µA with ref. to VDD
VDD=5.0V
IVDDC2=1mA
with ref. to VDD
VDD=5.0V
IVDDC1=1mA
with ref. to VDD
0.9
2.1
2.1
0.63
1.1
2.3
2.3
1.5
1.3
2.8
2.8
µA
V
V
V
PSK Version
Supply Current PSK
C2 pad Modulator ON
voltage drop
IDDPSK
VONC2PSK
VDD=1.5V
IVDDC2=100µA with ref. to VDD
0.3
0.92
0.6
2
0.9
µA
V
Note 1)
The maximum voltage is defined by forcing 10mA on COIL1 - COIL2
Note 2)
The tolerance of the resonant capacitor is ± 15% over the whole production.
Optional reduced tolerance on request
On a wafer basis, the tolerance is ± 2%
Timing Characteristics
VDD = 1.5V, VSS = 0V, fcoil = 134kHz square wave, Ta = 25°C
VC1 = 1.0V with positive peak at VDD and negative peak at VDD -1V unless otherwise specified
Timings are derived from the field frequency and are specified as a number of RF periods.
Parameter
Symbol
Test Conditions
Value
Units
Read Bit Period
Trdb
depending on option
64, 32, 16
RF periods
Timing Waveforms
BIT n
BIT n+1
BIT n+2
64, 32 or 16 T
OC, depending on option
T
OC
COIL1
Serial Data Out
Fig. 4


Similar Part No. - EM4100A6WT11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11 EMMICRO-EM4102A5WP11 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP11E EMMICRO-EM4102A5WP11E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7 EMMICRO-EM4102A5WP7 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
EM4102A5WP7E EMMICRO-EM4102A5WP7E Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
More results

Similar Description - EM4100A6WT11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com