Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4170A5WW11 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4170A5WW11
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170A5WW11 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4170A5WW11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170A5WW11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Timing Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power on Reset Time
Read Bit Period
LIW/ACK/NACK pattern
Duration
Duration of ID
Divergency-Time
Authentication-Time
WRITE Access Time
EEPROM write time
WRITE Access Time of
the Lock Bits
tpor
trdb
tpatt
trID
Tdiv
tauth
twa
twee
twalb
VDD=3V
32
160
1536
224
4224
128
3072
672
600
µs
periods
periods
periods
periods
periods
periods
periods
periods
RF periods represent periods of the carrier frequency emitted by the transceiver unit. For example, if 125kHz is used,
the Read bit period would be: 1/125'000*32 = 256µs.
Functional Description
The EM4170 is supplied by means of an electromagnetic
field induced on the attached coil. The AC voltage is
rectified in order to provide a DC internal supply voltage.
When the DC voltage crosses the Power-On level, the
chip will enter the Standby Mode and expect commands.
In Standby Mode a continuous sequence of Listen
Windows (LIW) is generated.
During this time, the
crypto-Chip will turn to the Receive Mode (RM) if it
receives a valid RM pattern. The chip then expects a
command to enter the desired mode of operation.
Memory Organisation
The 256 bits EEPROM are organised in 16 words of 16
bits. Words 0 and 1 contain the USER_MEMORY_1 and
the Lock-Bits LB1 and LB0. Words 12, 13, 14 and 15
contain the USER_MEMORY_2. Write-Mode can only be
entered if LB0 = "0" (LB1= "X").
Words 2 and 3 contain the ID that can never be modified.
Words 4 through 9 contain the 96 bits of secret key.
These bits influence the crypto-algorithm but cannot be
read directly. Words 11 and 12 contain the 32 bits of PIN-
Code. These two words can be written when the lock bits
are in unlocked state. They cannot be read out as for the
secret key.


Similar Part No. - EM4170A5WW11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4170A5WW11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
   Crypto Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
logo
ATMEL Corporation
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
logo
ATMEL Corporation
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com