Electronic Components Datasheet Search |
|
EM4102B6WS7 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA |
|
EM4102B6WS7 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA |
1 / 7 page R EM4102 Copyright © 2005, EM Microelectronic-Marin SA 1 www.emmicroelectronic.com Read Only Contactless Identification Device Description The EM4102 (previously named H4102) is a CMOS integrated circuit for use in electronic Read Only RF Transponders. The circuit is powered by an external coil placed in an electromagnetic field, and gets its master clock from the same field via one of the coil terminals. By turning on and off the modulation current, the chip will send back the 64 bits of information contained in a factor programmed memory array. The programming of the chip is performed by laser fusing of polysilicon links in order to store a unique code on each chip. The EM4102 has several metal options which are used to define the code type and data rate. Data rates of 64, 32 and 16 periods of carrier frequency per data bit are available. Data can be coded as Manchester, Biphase or PSK. Due to low power consumption of the logic core, no supply buffer capacitor is required. Only an external coil is needed to obtain the chip function. A parallel resonance capacitor of 78 pF is also integrated. Features □ 64 bit memory array laser programmable □ Several options of data rate and coding available □ On chip resonance capacitor □ On chip supply buffer capacitor □ On chip voltage limiter □ Full wave rectifier on chip □ Large modulation depth due to a low impedance modulation device □ Operating frequency 100 - 150 kHz □ Very small chip size convenient for implantation □ Very low power consumption Applications □ Animal implantable transponder □ Animal ear tag □ Industrial transponder Typical Operating Configuration Coil1 Coil2 EM4102 L: typical 20.8mH for fo = 125kHz Fig. 1 Pin Assignment EM4102 COIL1 COIL2 VDD VSS COIL1 Coil terminal / Clock input COIL2 Coil terminal Fig. 2 EM MICROELECTRONIC - MARIN SA |
Similar Part No. - EM4102B6WS7 |
|
Similar Description - EM4102B6WS7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |