Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1004 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XU1004
Description  32.0-45.0 GHz GaAs MMIC Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1004 Datasheet(HTML) 3 Page - Mimix Broadband

  XU1004 Datasheet HTML 1Page - Mimix Broadband XU1004 Datasheet HTML 2Page - Mimix Broadband XU1004 Datasheet HTML 3Page - Mimix Broadband XU1004 Datasheet HTML 4Page - Mimix Broadband XU1004 Datasheet HTML 5Page - Mimix Broadband XU1004 Datasheet HTML 6Page - Mimix Broadband XU1004 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 3 of 7
Mechanical Drawing
Bias Arrangement
Bypass Capacitors
- See App Note [2]
(Note: Engineering designator is 40TX0531)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.013 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All DC/IF Bond Pads are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads are 0.100 x 0.200 (0.004 x 0.008)
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 3.987 mg.
Bond Pad #1 (RF Out)
Bond Pad #2 (Vd1)
Bond Pad #3 (IF1)
Bond Pad #4 (Vd2)
Bond Pad #5 (LO)
Bond Pad #6 (Vg4)
Bond Pad #7 (Vg2)
Bond Pad #8 (Vg3)
Bond Pad #7 (IF2)
Bond Pad #8 (Vg1)
May 2005 - Rev 20-May-05
32.0-45.0 GHz GaAs MMIC
Transmitter
U1004
1
2
3
4
5
6
7
8
0.295
(0.080)
1.620
(0.041)
0.921
(0.234)
1.621
(0.041)
2.220
(0.056)
3.970
(0.101)
0.646
(0.016)
2.821
(0.072)
2.421
(0.062)
2.021
(0.051)
9
10
1.621
(0.041)
0.921
(0.023)
0.0
0.0
1
2
3
4
5
6
7
8
9
10
Vg1
Vg3
Vg4
Vg2
IF2
LO
Vd2
IF1
Vd1
RF
Vd1
Vd2
IF1
Vg4
LO
IF2
Vg2
Vg3
Vg1
RF


Similar Part No. - XU1004

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1004 MIMIX-XU1004 Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XU1004-BD MIMIX-XU1004-BD Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
XU1004-BD MIMIX-XU1004-BD Datasheet
264Kb / 7P
   32.0-45.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
Mimix Broadband
XU1004-BD-000V MIMIX-XU1004-BD-000V Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
More results

Similar Description - XU1004

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1004-BD MIMIX-XU1004-BD Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
XU1004-BD MIMIX-XU1004-BD_08 Datasheet
264Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XU1004 MIMIX-XU1004_06 Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
   27.0-32.0 GHz GaAs MMIC
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
   30.0 kHz-32.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
284Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com