Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4006F9WP21E Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4006F9WP21E
Description  13.56 MHz 64 Data bit Read Only Contactless Identification Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4006F9WP21E Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4006F9WP21E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4006F9WP21E Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EM4006
Copyright
 2001, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Factory reserved bits
These 9 bits are reserved. Default value is 00Bhex.
IC name bits
They contains the 3 last characters device name. For this
device, the value is 006hex.
Customer ID bits
This field contains a code which is defined by EM
Microelectronic-Marin S.A. For standard version, the code
is 0001hex.
ID code bits
This field is programmed from a counter in that way that
each device is unique.
Cyclic redundancy check
The shift register is reset to all zero with each Stop Bit.
CRC code is calculated on 64 data bits. The CRC code is
calculated according to CCITT / ISO 3309 - 1984
standards. See figure 5 for principle block schematic and
generating polynomial of the CRC code.
Start and stop bits
Start bit is set to logic 1 and stop bit is set to logic 0.
CRC Block Diagram
15 14
11
12
13
4
5
6
7
8
9
10
0
1
2
3
data input
BCC REGISTER
SERIALQUOTIENT
X16
X12
X5
FEEDBACK
BEFORE
SHIFT
CRC-CCITT GENERATING POLYNOMIAL= X16 + X12 + X5+ X0
= BCC(Block Check Characters) REGISTER STAGE
= EXCLUSIVE - OR
x
LSB
MSB
Fig. 5
RF Interface
Resonant capacitor, Rectifier, Limiter and Modulator
Switch form the unit which is interfacing to the incoming
RF signal. These blocks are interdependent so they are
developed as unit. They interface to the antenna which
typical characteristics are:
LS
≈ 1400 nH
RS
≈ 3 Ohms
30 < Q < 40 at 13.56 MHz.
Resonant Capacitor
The capacitor value is adjusted by laser fusing. It can be
trimmed by 1pF steps to achieve the absolute value of
94.5pF typically. This option, which is available on
request, allows a smaller capacitor tolerance over the
whole production.
Rectifier and Limiter
A full wave rectifier (Graetz Bridge) is used to provide
supply voltage to the IC. The reverse breakdown of the
diodes is also used to protect the IC from overvoltages.


Similar Part No. - EM4006F9WP21E

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM400X EPCOS-EM400X Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - EM4006F9WP21E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com