Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL4090-1PQ240M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QL4090-1PQ240M
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4090-1PQ240M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QL4090-1PQ240M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4090-1PQ240M Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
44
Preliminary
8-44
Military QuickRAM
Rev A
Pinout Table 144-Pin CPGA
PINOUT TABLE 144-PIN CPGA
144
CPGA
Function
144
CPGA
Function
144
CPGA
Function
144
CPGA
Function
A1
I/O
C7
I/O
H13
ACLK / I
N10
I/O
A2
I/O
C8
GND
H14
I/O
N11
GND
A3
I/O
C9
I/O
H15
GCLK / I
N12
I/O
A4
I/O
C10
I/O
J1
GCLK / I
N13
I/O
A5
I/O
C11
I/O
J2
VCC
N14
I/O
A6
I/O
C12
TCK
J3
VCC
N15
I/O
A7
I/O
C13
I/O
J13
I/O
P1
I/O
A8
I/O
C14
I/O
J14
I/O
P2
I/O
A9
I/O
C15
I/O
J15
GND
P3
TDI
A10
GND
D1
I/O
K1
GCLK / I
P4
I/O
A11
I/O
D2
I/O
K2
I/O
P5
I/O
A12
I/O
D3
I/O
K3
I/O
P6
I/O
A13
VCC
D13
I/O
K13
I/O
P7
I/O
A14
I/O
D14
I/O
K14
I/O
P8
I/O
A15
I/O
D15
I/O
K15
I/O
P9
VCCIO
B1
I/O
E1
I/O
L1
I/O
P10
I/O
B2
TDO
E2
VCC
L2
I/O
P11
I/O
B3
I/O
E3
I/O
L3
GND
P12
I/O
B4
I/O
E13
GND
L13
I/O
P13
I/O
B5
I/O
E14
I/O
L14
VCC
P14
TRSTB
B6
I/O
E15
I/O
L15
I/O
P15
I/O
B7
VCCIO
F1
I/O
M1
I/O
R1
I/O
B8
I/O
F2
I/O
M2
I/O
R2
I/O
B9
I/O
F3
I/O
M3
I/O
R3
VCC
B10
I/O
F13
I/O
M13
I/O
R4
I/O
B11
I/O
F14
I/O
M14
I/O
R5
I/O
B12
I/O
F15
GCLK / I
M15
I/O
R6
GND
B13
STM
G1
GND
N1
I/O
R7
I/O
B14
I/O
G2
I/O
N2
I/O
R8
I/O
B15
I/O
G3
I/O
N3
I/O
R9
I/O
C1
I/O
G13
VCC
N4
I/O
R10
I/O
C2
I/O
G14
VCC
N5
I/O
R11
I/O
C3
I/O
G15
GCLK / I
N6
I/O
R12
I/O
C4
I/O
H1
GCLK / I
N7
I/O
R13
I/O
C5
GND
H2
I/O
N8
GND
R14
I/O
C6
I/O
H3
ACLK / I
N9
I/O
R15
TMS


Similar Part No. - QL4090-1PQ240M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100C ETC1-QL4009-0PF100C Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100I ETC1-QL4009-0PF100I Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100M ETC1-QL4009-0PF100M Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF84C ETC1-QL4009-0PF84C Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4090-1PQ240M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com