Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1002 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XR1002
Description  18.0-34.0 GHz GaAs MMIC Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1002 Datasheet(HTML) 5 Page - Mimix Broadband

  XR1002 Datasheet HTML 1Page - Mimix Broadband XR1002 Datasheet HTML 2Page - Mimix Broadband XR1002 Datasheet HTML 3Page - Mimix Broadband XR1002 Datasheet HTML 4Page - Mimix Broadband XR1002 Datasheet HTML 5Page - Mimix Broadband XR1002 Datasheet HTML 6Page - Mimix Broadband XR1002 Datasheet HTML 7Page - Mimix Broadband XR1002 Datasheet HTML 8Page - Mimix Broadband XR1002 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5 of 10
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 30KRP_03A)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 4.152 mg.
Bond Pad #1 (Vg1)
Bond Pad #2 (RF)
Bond Pad #3 (Vd1)
Bond Pad #4 (Vd2)
Bond Pad #5 (IF1)
Bond Pad #6 (Vg4)
Bond Pad #9 (Vg3)
Bond Pad #10 (Vg2)
Bond Pad #7 (LO)
Bond Pad #8 (IF2)
Vd1,2
Vg4
IF1
LO
IF2
Vg3
Vg1,2
RF
R1002
1
2
3
4
5
6
7
8
9
10
0.399
(0.016)
0.0
1.397
(0.055)
2.000
(0.079)
0.897
(0.035)
1.496
(0.059)
1.895
(0.075)
1.600
(0.063)
1.000
(0.039)
3.350
(0.132)
1.895
(0.075)
1.496
(0.059)
0.897
(0.035)
0.0
R1002
Vg1,2
Vg3
IF2
LO
Vg4
IF1
Vd1,2
RF
1
2
3
5
6
7
9
10
8
4
18.0-34.0 GHz GaAs MMIC
Receiver
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2006 - Rev 21-May-06
R1002


Similar Part No. - XR1002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1002-BD MIMIX-XR1002-BD Datasheet
433Kb / 10P
   17.65-33.65 GHz GaAs MMIC Receiver
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB-0N00 MIMIX-XR1002-QB-0N00 Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB-0N0T MIMIX-XR1002-QB-0N0T Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB-EV1 MIMIX-XR1002-QB-EV1 Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1006-BD MIMIX-XR1006-BD Datasheet
208Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
XR1006 MIMIX-XR1006 Datasheet
352Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
logo
Mimix Broadband
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
CMM1100-BD MIMIX-CMM1100-BD_10 Datasheet
1Mb / 9P
   2.0-18.0 GHz GaAs MMIC
CMM1100-QF MIMIX-CMM1100-QF_09 Datasheet
341Kb / 8P
   2.0-18.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com