Part Name
         Description
XP1018

 35.0-45.0 GHz GaAs MMIC Power Amplifier ( 6 Page)


MIMIX
100% 
Zoom Out Zoom In
   
 1 page
background image
Mimix Broadband
’s four stage 35.0-45.0 GHz GaAs
MMIC power amplifier has a small signal gain of 23.0
dB with a +25.0 dBm P1dB output compression point.
This MMIC uses Mimix Broadband
’s 0.15 µm GaAs
PHEMT device model technology, and is based upon
electron beam lithography to ensure high
repeatability and uniformity. The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die
attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM
and VSAT applications.
35.0-45.0 GHz GaAs MMIC
Power Amplifier
Excellent Transmit Output Stage
Output Power Adjust
23.0 dB Small Signal Gain
+25.0 dBm P1dB Compression Point
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness (
ΔS21)
Reverse Isolation (S12)
Output Power for 1dB Compression (P1dB)
Drain Bias Voltage (Vd1,2,3,4)
Gate Bias Voltage (Vg1,2,3,4)
Supply Current (Id1) (Vd=5.0V, Vg=-0.7V Typical)
Supply Current (Id2) (Vd=5.0V, Vg=-0.7V Typical)
Supply Current (Id3) (Vd=5.0V, Vg=-0.7V Typical)
Supply Current (Id4) (Vd=5.0V, Vg=-0.7V Typical)
Units
GHz
dB
dB
dB
dB
dB
dBm
VDC
VDC
mA
mA
mA
mA
Min.
35.0
-
-
-
-
-
-
-
-1.0
-
-
-
-
Typ.
-
10.0
8.0
23.0
+/-1.0
45.0
+25.0
+5.0
-0.7
35
60
125
245
Max.
45.0
-
-
-
-
-
-
+5.5
0.0
40
70
150
295
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,2,3,4)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
45,80,165,325 mA
+0.3 VDC
TBD
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 6
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
(2) Measured using constant current.
1
2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2005 - Rev 21-Oct-05
P1018



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XP101730.0-36.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC383GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 12 - 30 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
XB100535.0-45.0 GHz GaAs MMIC Buffer Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC415LP3GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC459GaAs PHEMT MMIC POWER AMPLIFIER DC - 18.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC451LC3GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 5 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA032P1-0030-36 GHz GaAs MMIC Power Amplifier 1 2 Alpha Industries
XP100017.0-24.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC383LC4GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 12 - 30 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl