Electronic Components Datasheet Search |
|
448UE2102BDC Datasheet(PDF) 4 Page - CTS Corporation |
|
448UE2102BDC Datasheet(HTML) 4 Page - CTS Corporation |
4 / 4 page MODEL DIMENSIONS L (Travel) A B C X448-20MS 20/ .787 27.50/1.083 47.20/1.859 49.20/1.937 X448-30MS 30/ 1.181 37.50/1.476 57.20/2.272 59.20/2.331 DIMENSION: MM INCH Type X448 MONO W/SPDT SWITCH Order From: CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 5M-1-99 I Actuator Styles Ordering Information 448 U E 2 102 B D N MOUNTING STYLE U Actuator—parallel to PC Board X Actuator— perpendicular to PC Board V Actuator—low profile perpendicular to PCB TRAVEL U & X Types V-Type A 10mm A 10mm B 15mm B 15mm C 20mm C 25mm D 30mm D 40mm E 45mm E 55mm F 60mm ACTUATOR STYLE U & X Types V-Type 2: Style A: 9.5mm 1: Style D: 3.35mm 3: Style B: 4.0mm 4: Style C: 5.0mm RESISTANCE CODE (EXAMPLES) Code Resistance 501 500 ohms 102 1K 252 2.5K 502 5K 103 10K 253 25K 503 50K 104 100K RESISTANCE TOLERANCE A ±10% B ±20% C ±30% TAPER D Linear A CW 10% audio B CCW 10% audio SPECIALS N No specials C Center detent M Multiple detent S SPST Power Switch (20 & 30mm X type only) D SPDT Power Switch (20 & 30mm X type only) Actuator Style “D” Available for “V” type only For dual elements: Consult factory |
Similar Part No. - 448UE2102BDC |
|
Similar Description - 448UE2102BDC |