Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

448XE1501ADC Datasheet(PDF) 4 Page - CTS Corporation

Part # 448XE1501ADC
Description  Linear motion 0.2 watt composition slide control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

448XE1501ADC Datasheet(HTML) 4 Page - CTS Corporation

  448XE1501ADC Datasheet HTML 1Page - CTS Corporation 448XE1501ADC Datasheet HTML 2Page - CTS Corporation 448XE1501ADC Datasheet HTML 3Page - CTS Corporation 448XE1501ADC Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL
DIMENSIONS
L (Travel)
A
B
C
X448-20MS 20/ .787
27.50/1.083 47.20/1.859 49.20/1.937
X448-30MS 30/ 1.181 37.50/1.476 57.20/2.272 59.20/2.331
DIMENSION:
MM
INCH
Type X448 MONO W/SPDT SWITCH
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
5M-1-99
I
Actuator Styles
Ordering Information
448
U
E
2
102
B
D
N
MOUNTING STYLE
U Actuator—parallel to
PC Board
X Actuator—
perpendicular to PC
Board
V Actuator—low profile
perpendicular to PCB
TRAVEL
U & X Types
V-Type
A
10mm
A 10mm
B
15mm
B 15mm
C
20mm
C 25mm
D
30mm
D 40mm
E
45mm
E 55mm
F
60mm
ACTUATOR STYLE
U & X Types
V-Type
2: Style A: 9.5mm
1: Style D: 3.35mm
3: Style B: 4.0mm
4: Style C: 5.0mm
RESISTANCE CODE
(EXAMPLES)
Code
Resistance
501
500 ohms
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
RESISTANCE
TOLERANCE
A
±10%
B
±20%
C
±30%
TAPER
D
Linear
A
CW 10% audio
B
CCW 10% audio
SPECIALS
N
No specials
C
Center detent
M Multiple detent
S
SPST Power Switch
(20 & 30mm
X type only)
D
SPDT Power Switch
(20 & 30mm X type only)
Actuator Style “D”
Available for “V” type only
For dual elements: Consult factory


Similar Part No. - 448XE1501ADC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448XE1501ADC CTS-448XE1501ADC Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
More results

Similar Description - 448XE1501ADC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048_13 Datasheet
257Kb / 1P
   Linear Motion Potentiometer
3048L BOURNS-3048L Datasheet
76Kb / 1P
   Linear Motion Potentiometer
3046 BOURNS-3046 Datasheet
147Kb / 1P
   Linear Motion Potentiometer
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
   Motion Control Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com