Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XD010-22S-D2F Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # XD010-22S-D2F
Description  1805-1880 MHz Class A/AB 12W Power Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

XD010-22S-D2F Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  XD010-22S-D2F Datasheet HTML 1Page - SIRENZA MICRODEVICES XD010-22S-D2F Datasheet HTML 2Page - SIRENZA MICRODEVICES XD010-22S-D2F Datasheet HTML 3Page - SIRENZA MICRODEVICES XD010-22S-D2F Datasheet HTML 4Page - SIRENZA MICRODEVICES XD010-22S-D2F Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
XD010-22S-D2F 1805-1880 MHz 12W Power Amp Module
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
5
EDS-102930 Rev C
Package Outline Drawing
Recommended PCB Cutout and Landing Pads for the D2F Package
Note 3: Dimensions are in inches
Refer to Application note AN-060 “Installation Instructions for XD Module Series” for additional mounting info. App note availbale at at www.sirenza.com


Similar Part No. - XD010-22S-D2F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
XD010-24S-D2F SIRENZA-XD010-24S-D2F Datasheet
220Kb / 5P
   1930-1990 MHz Class A/AB 12W CDMA Driver Amplifier
More results

Similar Description - XD010-22S-D2F

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
Tyco Electronics
PHM1880-15 MACOM-PHM1880-15 Datasheet
130Kb / 2P
   Wireless Power Module, 15W 1805-1880 MHz
logo
SIRENZA MICRODEVICES
XD010-24S-D2F SIRENZA-XD010-24S-D2F Datasheet
220Kb / 5P
   1930-1990 MHz Class A/AB 12W CDMA Driver Amplifier
XD010-51S-D4F SIRENZA-XD010-51S-D4F Datasheet
208Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
   925-960 MHz Class A/AB 15W Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
   1805 ~ 1880 MHz Working Frequency
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com