Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL4058-0PQ240M Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QL4058-0PQ240M
Description  58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4058-0PQ240M Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QL4058-0PQ240M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4058-0PQ240M Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
www.quicklogic.com
© 2002 QuickLogic Corporation
QL4058 QuickRAM Data Sheet Rev H
Table 11: DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input HIGH Voltage
0.5 V
CC
V
CCIO + 0.5
V
VIL
Input LOW Voltage
-0.5
0.3 VCC
V
VOH
Output HIGH Voltage
IOH = -12 mA
2.4
V
IOH = -500 µA
0.9VCC
V
VOL
Output LOW Voltage
IOL = 16 mAa
a. Applies only to -1/-2/-3/-4 commercial grade devices. These speed grades are also PCI-compliant. All
other devices have 8 mA IOL specifications.
0.45
V
IOL = 1.5 mA
0.1 V
CC
V
II
I or I/O Input Leakage Current
VI = V
CCIO or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCCIO or GND
-10
10
µA
CI
Input Capacitanceb
b. Capacitance is sample tested only. Clock pins are 12 pF maximum.
10
pF
IOS
Output Short Circuit Currentc
c. Only one output at a time. Duration should not exceed 30 seconds.
VO = GND
-15
-180
mA
VO = VCC
40
210
mA
ICC
D.C. Supply Currentd
d. For -1/-2/-3/-4 commercial grade devices only. Maximum ICC is 3 mA for -0 commercial grade and all
industrial grade devices and 5 mA for all military grade devices. For AC conditions, contact QuickLogic
customer applications group (see
Contact Information)
VI, VIO = V
CCIO or GND
0.50 (typ)
2
mA
ICCIO
D.C. Supply Current on VCCIO
0
100
µA


Similar Part No. - QL4058-0PQ240M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100C ETC1-QL4009-0PF100C Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100I ETC1-QL4009-0PF100I Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100M ETC1-QL4009-0PF100M Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF84C ETC1-QL4009-0PF84C Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4058-0PQ240M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com