Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8568BETE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8568BETE
Description  Complete Backup-Management ICs for Lithium and NiMH Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8568BETE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8568BETE Datasheet HTML 2Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 3Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 4Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 5Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 6Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 7Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 8Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 9Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Complete Backup-Management ICs
for Lithium and NiMH Batteries
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 7, VIN = 3.6V, VBK = 1.4V, VNI/LI = VBKSU = 3.3V, TA = +25°C, unless otherwise noted.)
CHARGE CURRENT vs. TEMPERATURE
9.2
9.4
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
9.0
TEMPERATURE (
°C)
60
35
10
-15
-40
85
VBK = 3.6V, VIN = 4.2V, R5 = 127k
VBK = 3.6V, VIN = 4V, R5 = 127k
VBK = 1.4V, VIN = 4V, R5 = 169k
CHARGE PROFILE FOR NiMH
MAX8568 toc05
CHARGE TIME (HOURS)
8
6
4
2
1.32
1.34
1.36
1.38
1.40
1.42
1.30
1
2
3
4
5
6
0
010
VARTA V20HR
BK VOLTAGE
CHARGE CURRENT
VBK(NILO) = 1.2V
VBK(NIHI) = 1.4V
VBK(NIMAX) = 1.8V
R5 = 953k
CHARGE PROFILE FOR LiVeO5
MAX8568 toc06
CHARGE TIME (HOURS)
8
246
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.0
1
2
3
4
5
6
7
8
0
010
PANASONIC VL2330
VBK(LIMAX) = 3.4V
R5 = 432k
BK VOLTAGE
CHARGE CURRENT
3.3V STEP-UP EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
10
1
0.1
10
20
30
40
50
60
70
80
90
100
0
0.01
100
L1 = MURATA LQH32CN100K
VBK = 2.9V
VBK = 1.4V
2.5V STEP-UP EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
10
1
0.1
10
20
30
40
50
60
70
80
90
100
0
0.01
100
L1 = MURATA LQH32CN100K
VBK = 2.9V
VBK = 1.4V
BKSU OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
50
40
30
20
10
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.20
060
TA = -40
°C
TA = +25
°C
TA = +85
°C
BK SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4
3
2
10
20
30
40
50
60
70
0
15
BOOST AND LDO ACTIVE
VBKSU = 3.3V
LIGHT-LOAD SWITCHING WAVEFORMS
MAX8568 toc11
50
µs/div
ILX
VLX
200mA/div
0
20mV/div
AC-COUPLED
2V/div
0
VBKSU
LOAD = 1mA
C3 = 22
µF
HEAVY-LOAD SWITCHING WAVEFORMS
MAX8568 toc12
5
µs/div
ILX
VLX
200mA/div
0
20mV/div
AC-COUPLED
2V/div
0
VBKSU
LOAD = 50mA
C3 = 22
µF


Similar Part No. - MAX8568BETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568BETE MAXIM-MAX8568BETE Datasheet
751Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 1; 5/05
More results

Similar Description - MAX8568BETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568A MAXIM-MAX8568A_05 Datasheet
751Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 1; 5/05
MAX8672 MAXIM-MAX8672 Datasheet
258Kb / 17P
   Complete Backup Management IC for NiMH Batteries
Rev 0; 11/06
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
Toshiba Semiconductor
TPC8134 TOSHIBA-TPC8134 Datasheet
269Kb / 9P
   Lithium-Ion Secondary Batteries Power Management Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com