Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8568BETE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8568BETE
Description  Complete Backup-Management ICs for Lithium and NiMH Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8568BETE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8568BETE Datasheet HTML 1Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 2Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 3Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 4Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 5Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 6Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 7Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 8Page - Maxim Integrated Products MAX8568BETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Complete Backup-Management ICs
for Lithium and NiMH Batteries
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 7, VIN = VINOK = 3.6V, VBK = 1.4V, VNI/LI = VBKSU = 3.3V, VBKV = GND = PGND = 0V, VSTRTV = VTERMV = 1.2V,
R5 = 250k
Ω, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, BK, BKSU, OD1, OD2 to GND.........................-0.3V to +6.0V
BKV, LDO, NI/LI to GND.........................-0.3V to (VBKSU + 0.3V)
REF, CHGI, INOK, TERMV, STRTV to GND...-0.3V to (VIN + 0.3V)
PGND to GND ......................................................-0.3V to + 0.3V
LX Current ......................................................................0.9ARMS
Continuous Power Dissipation (TA = +70°C)
16-Pin 3mm x 3mm Thin QFN
(derate 15.6mW/°C above +70°C) .............................1250mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Voltage Range
2.8
5.5
V
TA = +25°C
3
5
Charger off, VINOK = 1.5V
TA = +85°C
3
IN Operating Current
Charger on, not including charge current
50
90
µA
CHGI Current Limit
RCHGI = 169k
Ω, VBK = 1.3V
8
10
12
mA
CHGI Bias Voltage
600
mV
CHGI Resistor Range
VBK = 1.3V
50
1800
k
VIN = 5.5V, VNI/LI = 0V
4.116
4.2
4.284
VIN = 3.8V, VNI/LI = 0V, VTERMV = 1V
3.42
3.5
3.58
BK Charge Voltage Limit
VIN = VNI/LI = 3.6V
1.746
1.8
1.854
V
TA = +25°C
0.01
0.5
BK Reverse Leakage Current to IN
VIN = 0V
TA = +85°C
0.1
µA
NiMH Mode BK High Threshold Voltage,
VBK(NIHI)
VTERMV = 1.2V
1.37
1.4
1.43
V
NiMH Mode BK Low Threshold Voltage,
VBK(NILO)
VSTRTV = 1.2V
1.17
1.2
1.23
V
TA = +25°C
0.001
0.05
TERMV Input Current
VTERMV = 1.1V
TA = +85°C
0.01
µA
TA = +25°C
0.001
0.05
STRTV Input Current
VSTRTV = 1.1V
TA = +85°C
0.01
µA
REF Output Voltage
IREF = 1µA
1.23
1.25
1.27
V
REF Load Regulation
IREF = 1µA to 50µA
2.5
10
mV
REF Line Regulation
VIN = 3V to 5.5V, IREF = 1µA
1
7
mV
VINOK falling
2.38
2.43
2.48
INOK Threshold Voltage
VINOK rising
2.40
2.47
2.54
V
TA = +25°C
0.005
0.1
INOK Input Current
VINOK = 2V
TA = +85°C
0.05
µA
NI/LI Logic-Level High
VBKSU = 3.3V
1.8
V
NI/LI Logic-Level Low
VBKSU = 3.3V
0.4
V


Similar Part No. - MAX8568BETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568BETE MAXIM-MAX8568BETE Datasheet
751Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 1; 5/05
More results

Similar Description - MAX8568BETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8568A MAXIM-MAX8568A_05 Datasheet
751Kb / 17P
   Complete Backup-Management ICs for Lithium and NiMH Batteries
Rev 1; 5/05
MAX8672 MAXIM-MAX8672 Datasheet
258Kb / 17P
   Complete Backup Management IC for NiMH Batteries
Rev 0; 11/06
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
Toshiba Semiconductor
TPC8134 TOSHIBA-TPC8134 Datasheet
269Kb / 9P
   Lithium-Ion Secondary Batteries Power Management Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com