Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP-RF-RF650-EV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WP-RF-RF650-EV
Description  Narrow Band Radio Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WP-RF-RF650-EV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WP-RF-RF650-EV Datasheet HTML 1Page - List of Unclassifed Manufacturers WP-RF-RF650-EV Datasheet HTML 2Page - List of Unclassifed Manufacturers WP-RF-RF650-EV Datasheet HTML 3Page - List of Unclassifed Manufacturers WP-RF-RF650-EV Datasheet HTML 4Page - List of Unclassifed Manufacturers WP-RF-RF650-EV Datasheet HTML 5Page - List of Unclassifed Manufacturers WP-RF-RF650-EV Datasheet HTML 6Page - List of Unclassifed Manufacturers WP-RF-RF650-EV Datasheet HTML 7Page - List of Unclassifed Manufacturers WP-RF-RF650-EV Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Narrow Band Radio Transceiver
WP-RF-RF650
Page 4 of 8
RF650 Configuration
The configuration of the RF650 module may be changed by setting the Configuration pin low and sending a
set of configuration data bytes to the module on the Tx pin.
The RF Channel is calculated as:
Configuration value = (desired RF frequency – 422.4MHz) * 10
The Configuration pin must be held low for at least the first byte to change the RF650 module into
configuration mode. If the Configuration pin is still low at the end of the configuration then the module will
send the current configuration back to the host. To retrieve the current configuration without changing any
options the host can send a single byte to the module and wait for the response.
It is not necessary to send all configuration bytes to the module, but all data sent must be valid. For example
to change the destination address the host may just send four bytes. Configuration data excluded from the
end of the data stream will be unchanged. The RF650 module will accept a short configuration after a 10ms
timeout after the last byte sent to the module, or when the RTS pin goes high. This allows for the host to
easily change the destination address of the RF data packet, thus enabling one RF650 to send individual
data to several different recipient modules.
A destination address of 00000000 will reset the RF650 to the default settings shown above.
RF data packets received by the RF650 with the embedded destination address which matches the RF650
address will be accepted, processed and passed to the host, all of the RF data packets will be ignored.
When configuring the destination or RF650 address an incorrect number of bytes for an address will leave
the current address unchanged.
An invalid Transmitter Power or Packet Size setting will leave the current setting unchanged.
BlueTooth
M Engine
Engine
Modules
Radio
F Remote
Video TX/RX
ntennas
ty
t
eter Reading
S
GS
GPS
Radio
Data
R
A
Securi Point to Poin Multi Point Dect engine M
ynthesised multi-channel
X
lore PC
μ-WEB Pa
p
ging
Li
RTU
IQ
SMS
ghting


Similar Part No. - WP-RF-RF650-EV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-RF-RF600T ETC-WP-RF-RF600T Datasheet
932Kb / 14P
   Smart Com Radio Transceiver IC
WP-RF-RF600T-EVAL ETC-WP-RF-RF600T-EVAL Datasheet
932Kb / 14P
   Smart Com Radio Transceiver IC
WP-RF-RF600T-SO ETC-WP-RF-RF600T-SO Datasheet
932Kb / 14P
   Smart Com Radio Transceiver IC
More results

Similar Description - WP-RF-RF650-EV

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
rfsolutions.ltd
QBT37-434.075 RFSOLUTIONS-QBT37-434.075 Datasheet
103Kb / 7P
   433MHz Narrow Band Radio Transmitter & Receivers
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com