Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS325US Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLAS325US
Description  Dual SPST Analog Switch Low Voltage Single Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS325US Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLAS325US Datasheet HTML 4Page - ON Semiconductor NLAS325US Datasheet HTML 5Page - ON Semiconductor NLAS325US Datasheet HTML 6Page - ON Semiconductor NLAS325US Datasheet HTML 7Page - ON Semiconductor NLAS325US Datasheet HTML 8Page - ON Semiconductor NLAS325US Datasheet HTML 9Page - ON Semiconductor NLAS325US Datasheet HTML 10Page - ON Semiconductor NLAS325US Datasheet HTML 11Page - ON Semiconductor NLAS325US Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NLAS325
http://onsemi.com
10
Figure 25. Reel Dimensions
13.0 mm
$0.2 mm
(0.512 in
$0.008 in)
1.5 mm MIN
(0.06 in)
50 mm MIN
(1.969 in)
20.2 mm MIN
(0.795 in)
FULL RADIUS
t MAX
G
A
REEL DIMENSIONS
Tape Size
8 mm
T and R Suffix
US
A Max
178 mm
(7 in)
G
8.4 mm, + 1.5 mm, –0.0
(0.33 in + 0.059 in, –0.00)
t Max
14.4 mm
(0.56 in)
Figure 26. Reel Winding Direction
DIRECTION OF FEED
BARCODE LABEL
HOLE
POCKET


Similar Part No. - NLAS325US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS325US ONSEMI-NLAS325US Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
NLAS325USG ONSEMI-NLAS325USG Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
NLAS325USG ONSEMI-NLAS325USG Datasheet
97Kb / 10P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 7
More results

Similar Description - NLAS325US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS325 ONSEMI-NLAS325_06 Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
NLAS323 ONSEMI-NLAS323 Datasheet
85Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
February, 2004 ??Rev. 6
NLAS323 ONSEMI-NLAS323_15 Datasheet
96Kb / 9P
   Dual SPST Analog Switch, Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS325 ONSEMI-NLAS325_15 Datasheet
97Kb / 10P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS324 ONSEMI-NLAS324_06 Datasheet
118Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 7
NLAS324 ONSEMI-NLAS324 Datasheet
111Kb / 12P
   Dual SPST Analog Switch, Low Voltage, Single Supply
January, 2003 - Rev. 3
NLAS324 ONSEMI-NLAS324_15 Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com