Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3G48 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SF3G48
Description  THYRISTOR SILICON PLANAR TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SF3G48 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SF3G48 Datasheet HTML 1Page - Toshiba Semiconductor SF3G48 Datasheet HTML 2Page - Toshiba Semiconductor SF3G48 Datasheet HTML 3Page - Toshiba Semiconductor SF3G48 Datasheet HTML 4Page - Toshiba Semiconductor SF3G48 Datasheet HTML 5Page - Toshiba Semiconductor SF3G48 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SF3G48,SF3J48,USF3G48,USF3J48
2001-07-10
1
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF3G48,SF3J48,USF3G48,USF3J48
MEDIUM POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage : VDRM = 400,600V
Repetitive Peak Reverse Voltage
: VRRM = 400,600V
l Average On−State Current
: IT (AV) = 3A
l Gate Trigger Current
: IGT = 10mA MAX.
Unit: mm
SF3G48·SF3J48
USF3G48·USF3J48
JEDEC
JEDEC
JEITA
JEITA
TOSHIBA
13−10J1B
TOSHIBA
13−10J2B
Weight: 1.7g
MARKING
F3G48
SF3G48, USF3G48
*1
MARK
F3J48
TYPE
NAME
SF3J48, USF3J48
*2


Similar Part No. - SF3G48

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SF3G48 KERSEMI-SF3G48 Datasheet
906Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
More results

Similar Description - SF3G48

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SF3G48 KERSEMI-SF3G48 Datasheet
906Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
SF0R5G43 KERSEMI-SF0R5G43 Datasheet
934Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
SF10G48 KERSEMI-SF10G48 Datasheet
902Kb / 5P
   Thyristor silicon planar type
SF10G41A KERSEMI-SF10G41A Datasheet
920Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
SF5G48 KERSEMI-SF5G48 Datasheet
904Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
SF0R3G42 KERSEMI-SF0R3G42 Datasheet
923Kb / 5P
   Thyristor silicon planar type
SF5G41A KERSEMI-SF5G41A Datasheet
917Kb / 5P
   THYRISTOR SILICON PLANAR TYPE
logo
Toshiba Semiconductor
SF5G41A TOSHIBA-SF5G41A Datasheet
238Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF10J48 TOSHIBA-SF10J48 Datasheet
232Kb / 6P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6744 TOSHIBA-S6744 Datasheet
124Kb / 4P
   TOSHIBA THYRISTOR SILICON PLANAR TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com