Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-2B Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # TX-2B
Description  REMOTE CONTROLLER WITH FIVE FUNCTIONS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

TX-2B Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  TX-2B Datasheet HTML 1Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 2Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 3Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 4Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 5Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 6Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 7Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 8Page - Silan Microelectronics Joint-stock TX-2B Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Silan
Semiconductors
TX-2B/RX-2B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2002.03.29
4
(Continued)
Pin No.
Symbol
Description
6
TURBO
The turbo function will be selected if this pin is connected to GND
7
SC
Output pin of the encoding signal with carrier frequency
8
SO
Output pin of the encoding signal without carrier frequency
9VDD
Positive power supply
10
PC
Power control output pin
11
OSCO
Oscillator output pin
12
OSCI
Oscillator input pin
13
FOSC
This pin is used for testing mode
14
LEFT
The leftward function will be selected, if this pin is connected to GND
2. RX-2B
Pin No.
Symbol
Description
1
VO2
Inverter 2 output pin for power amplify
2
GND
Negative power supply
3
SI
Input pin of the encoding signal
4
OSCI
Oscillator input pin
5
OSCO
Oscillator output pin
6
RIGHT
Rightward output pin
7
LEFT
Leftward output pin
8
ROB
Rightward function disable, if this pin is connected to GND
9
LDB
Leftward function disable, if this pin is connected to GND
10
BACKWARD
Backward output pin
11
FORWARD
Forward output pin
12
TURBO
TURBO output pin
13
VDD
Positive power supply
14
VI1
Inverter 1 input pin for power amplify
15
VO1
Inverter 1 output pin for power amplify
16
VI2
Inverter 2 input pin for power amplify


Similar Part No. - TX-2B

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TX-2B1 SYNERGY-TX-2B1 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TX-2B2 SYNERGY-TX-2B2 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
   TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results

Similar Description - TX-2B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
   TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
   Decoder For Remote Controller With Five Functions
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com