Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985A-15DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2985A-15DBVT
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-15DBVT Datasheet(HTML) 4 Page - Texas Instruments

  LP2985A-15DBVT Datasheet HTML 1Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 2Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 3Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 4Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 5Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 6Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 7Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 8Page - Texas Instruments LP2985A-15DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TJ
PART GRADE
VOUT
(NOM)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
1.25 V
Reel of 3000
LP2985-12DBVR
1.25 V
Reel of 250
LP2985-12DBVT
1.35 V
Reel of 3000
LP2985-13DBVR
1.35 V
Reel of 250
LP2985-13DBVT
1.5 V
Reel of 3000
LP2985-15DBVR
1.5 V
SOT-23 (DBV)
Reel of 250
LP2985-15DBVT
1.7 V
SOT-23 (DBV)
Reel of 3000
LP2985-17DBVR
1.7 V
Reel of 250
LP2985-17DBVT
1.8 V
Reel of 3000
LP2985-18DBVR
LPH_
1.8 V
Reel of 250
LP2985-18DBVT
LPH_
2 V
Reel of 3000
LP2985-20DBVR
2 V
Reel of 250
LP2985-20DBVT
1.25 V
LP2985-12YEQR
1.35 V
LP2985-13YEQR
1.5 V
NanoStar
 − WCSP
Reel of 3000
LP2985-15YEQR
1.7 V
NanoStar
− WCSP
0.17-mm Bump (YEQ)
Reel of 3000
LP2985-17YEQR
1.8 V
0.17-mm Bump (YEQ)
LP2985-18YEQR
−40
°C to 125°C
Standard grade:
2 V
LP2985-20YEQR
−40
°C to 125°C
Standard grade:
1.5% tolerance
1.25 V
LP2985-12YZQR
1.5% tolerance
1.35 V
NanoFree
− WCSP
LP2985-13YZQR
1.5 V
NanoFree
 − WCSP
0.17-mm Bump
Reel of 3000
LP2985-15YZQR
1.7 V
0.17-mm Bump
(YZQ, Pb free)
Reel of 3000
LP2985-17YZQR
1.8 V
(YZQ, Pb free)
LP2985-18YZQR
2 V
LP2985-20YZQR
1.25 V
LP2985-12YEUR
1.35 V
LP2985-13YEUR
1.5 V
NanoStar
 − WCSP
Reel of 3000
LP2985-15YEUR
1.7 V
NanoStar
− WCSP
0.30-mm Bump (YEU)
Reel of 3000
LP2985-17YEUR
1.8 V
0.30-mm Bump (YEU)
LP2985-18YEUR
2 V
LP2985-20YEUR
1.25 V
LP2985-12YZUR
1.35 V
NanoFree
− WCSP
LP2985-13YZUR
1.5 V
NanoFree
 − WCSP
0.30-mm Bump
Reel of 3000
LP2985-15YZUR
1.7 V
0.30-mm Bump
(YZQ, Pb free)
Reel of 3000
LP2985-17YZUR
1.8 V
(YZQ, Pb free)
LP2985-18YZUR
2 V
LP2985-20YZUR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV: The actual top-side marking has one additional character that designates the assembly/test site.
YEQ/YZQ, YEU/YZU: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following
character
to
designate
the
assembly/test
site.
Pin
1
identifier
indicates
solder-bump
composition
(1 = SnPb,
= Pb-free).


Similar Part No. - LP2985A-15DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-10 TI-LP2985A-10 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985A-10DBVR TI-LP2985A-10DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-10DBVR TI1-LP2985A-10DBVR Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
LP2985A-10DBVR TI-LP2985A-10DBVR Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985A-10DBVR TI1-LP2985A-10DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results

Similar Description - LP2985A-15DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com