Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F534D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N74F534D
Description  Latch/flip-flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F534D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button N74F534D Datasheet HTML 4Page - NXP Semiconductors N74F534D Datasheet HTML 5Page - NXP Semiconductors N74F534D Datasheet HTML 6Page - NXP Semiconductors N74F534D Datasheet HTML 7Page - NXP Semiconductors N74F534D Datasheet HTML 8Page - NXP Semiconductors N74F534D Datasheet HTML 9Page - NXP Semiconductors N74F534D Datasheet HTML 10Page - NXP Semiconductors N74F534D Datasheet HTML 11Page - NXP Semiconductors N74F534D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F533,* 74F534
Latch/flip-flop
1999 Jan 08
8
* Discontinued part. Please see the Discontinued Products List.
AC WAVEFORMS (Continued)
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
E
Dn
VM
VM
VM
VM
VM
VM
ts(L)
ts(H)
th(L)
th(H)
SF00992
Waveform 4. Data Setup and Hold Times
th(H)
ts(H)
CP
SF00191
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
Dn
Waveform 5. Data Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
OE
Qn
VOH -0.3V
0V
SF00994
Waveform 6. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
OE
Qn
VOL +0.3V
SF00995
Waveform 7. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION


Similar Part No. - N74F534D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F5300D PHILIPS-N74F5300D Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
N74F5300N PHILIPS-N74F5300N Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
N74F5302D PHILIPS-N74F5302D Datasheet
91Kb / 10P
   Fiber optic dual LED/clock driver
1990 Jul 24
N74F5302N PHILIPS-N74F5302N Datasheet
91Kb / 10P
   Fiber optic dual LED/clock driver
1990 Jul 24
N74F537D PHILIPS-N74F537D Datasheet
52Kb / 5P
   1-of-10 decoder 3-State
1989 Jan 20
More results

Similar Description - N74F534D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS573B PHILIPS-74ALS573B Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
N74ALS573 PHILIPS-N74ALS573 Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS563A PHILIPS-74ALS563A Datasheet
134Kb / 12P
   Latch flip/flop
1996 Jul 01
logo
Nexperia B.V. All right...
74F373 NEXPERIA-74F373 Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
Microsemi Corporation
TSC370 MICROSEMI-TSC370 Datasheet
828Kb / 2P
   Flip-Flop
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com