Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4858 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N4858
Description  N-Channel Silicon Junction Field-Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N4858 Datasheet(HTML) 1 Page - InterFET Corporation

  2N4858 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-15
2N4856, 2N4857, 2N4858, 2N4859, 2N4860, 2N4861
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
2N4856, 2N4857, 2N4858
2N4859, 2N4860, 2N4861
Reverse Gate Source Voltage
– 40 V
– 30 V
Reverse Gate Drain Voltage
– 40 V
– 30 V
Continuous Device Dissipation
1.8 W
1.8 W
Power Derating
10 mW/°C
10 mW/°C
Continuous Forward Gate Current
50 mA
50 mA
TOÐ18 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate &Case
Surface Mount
SMP4856, SMP4857, SMP4858,
SMP4859, SMP4860, SMP4861
2N4856
2N4857
2N4858
At 25°C free air temperature:
2N4859
2N4860
2N4861
Process NJ132
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
2N4856, 2N4857, 2N4858
V(BR)GSS
– 40
– 40
– 40
V
IG = – 1µA, VDS = ØV
2N4859, 2N4860, 2N4861
– 30
– 30
– 30
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 250
– 250
– 250
pA
VGS = – 20V, VDS = ØV
2N4856, 2N4857, 2N4858
– 500
– 500
– 500
nA
VGS = – 20V, VDS = ØV
TA = 150°C
Gate Reverse Current
IGSS
– 250
– 250
– 250
pA
VGS = – 15V, VDS = ØV
2N4859, 2N4860, 2N4861
– 500
– 500
– 500
nA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 4
– 10
– 2
– 6
– 0.8
– 4
V
VDS = 15V, ID = 0.5 nA
Drain Saturation Current (Pulsed)
IDSS
50
20
100
8
80
mA
VDS = 15V, VGS = ØV
Drain Cutoff Current
ID(OFF)
250
250
250
pA
VDS = 15V, VGS = – 10V
500
500
500
nA
VDS = 15V, VGS = – 10V
TA = 150°C
Drain Source ON Voltage
VDS(ON)
0.75
0.5
0.5
V
VGS = ØV, ID = ( )
(20)
(10)
(5)
(mA)
Dynamic Electrical Characteristics
Common Source ON Resistance
rds(on)
25
40
60
VGS = ØV, ID = Ø A
f = 1 kHz
Common Source Input Capacitance
Ciss
18
18
18
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Common Source Reverse
Crss
888
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Transfer Capacitance
Switching Characteristics
66
10
ns
Turn ON Delay Time
td(on)
(20)
(10)
(5)
(mA)
[–10]
[– 6]
[– 4]
[V]
VDD = 10V, VGS = ØV
34
10
ns
ID(ON) = ( )
Rise Time
tr
(20)
(10)
(5)
(mA)
VGS(OFF) = [ ]
[–10]
[– 6]
[– 4]
[V]
(2N4856, 2N4859) RL = 465Ω
25
50
100
ns
(2N4857, 2N4860) RL = 953Ω
Turn OFF Delay Time
td(off)
(20)
(10)
(5)
(mA)
(2N4858, 2N4861) RL = 1910Ω
[–10]
[– 6]
[– 4]
[V]
¥ Choppers
¥ Commutators
¥ Analog Switches
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:30 AM
Page B-15


Similar Part No. - 2N4858

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4858 MOTOROLA-2N4858 Datasheet
278Kb / 2P
   JFET SWITCHING N-CHANNEL-DEPLETION
logo
Microsemi Corporation
2N4858 MICROSEMI-2N4858 Datasheet
68Kb / 3P
   N-CHANNEL J-FET
logo
List of Unclassifed Man...
2N4858 ETC1-2N4858 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
Intersil Corporation
2N4858 INTERSIL-2N4858 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Microsemi Corporation
2N4858 MICROSEMI-2N4858 Datasheet
49Kb / 2P
   N-CHANNEL J-FET
More results

Similar Description - 2N4858

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com