Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450VA105EB1S Datasheet(PDF) 2 Page - CTS Corporation

Part # 450VA105EB1S
Description  Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450VA105EB1S Datasheet(HTML) 2 Page - CTS Corporation

  450VA105EB1S Datasheet HTML 1Page - CTS Corporation 450VA105EB1S Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTS Type 450 Stock Pot™
Ordering Information
Plug In Shafts
Popular shaft styles are available with trim selections including
screwdriver slot (.047" wide x .063" or 1.19mm x 1.60mm),
flat (molded shaft flat is.156" wide x .500" long or
3.96mm x 12.7mm, brass shaft flat is .375” x .156” or
9.53mm x 3.69mm), knurled and slotted (diameter over knurl
molded is .240" - .246" or 6.10 - 6.25 mm, brass is
.231" - .241" or 5.87 - 6.12 mm), or full round.
See trim selections and shaft details in chart below.
DIMENSION:
MM
INCH
Order From:
CTS CORPORATION, RESISTOR/ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
11-99I
450 T A103 E M4 S
RESISTANCE
LOG A
LINEAR
OHMS
TAPER
or
D TAPER
500
D501
1K
A102
D102
2.5K
A252
D252
5K
A502
D502
10K
A103
D103
25K
A253
D253
50K
A503
D503
100K
A104
D104
250K
A254
D254
500K
A504
D504
1M
A105
D105
SHAFT OPTIONS
BRASS
MOLDED
B1 - 5/8” SD Slot
M1 - 1/2” K&S
B2 - 3/4” SD Slot
M2 - 5/8” K&S
B3 - 7/8” SD Slot
M3 - 3/4”K&S
B4 - 1” SD Slot
M4 - 7/8” K&S
B5 - 3/4” Flat
M5 - 1” K&S
B6 - 7/8” Flat
M6 - 7/8” Flat
B7 - 1” Flat
M7 - 1” Flat
B8 - 3/4” K&S
M8 - 2” Round
B9 - 7/8” K&S
Shaft M5 Required with Switch
TERMINAL STYLE
T – SOLDER LUG
V – PC FORMED
TO REAR
SWITCH
BLANK – NO SWITCH
S – SPST Rotary 050
Switch is supplied with an
assembled molded shaft.
Shaft Option M5 Only
MOUNTING STYLE
B – 3/8” DIECAST
BUSHING
E – EAR MOUNT


Similar Part No. - 450VA105EB1S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450VXH180MEFCSN25X30 RUBYCON-450VXH180MEFCSN25X30 Datasheet
164Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450VXR100M22X50 RUBYCON-450VXR100M22X50 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
450VXR100M25X40 RUBYCON-450VXR100M25X40 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
450VXR100M30X30 RUBYCON-450VXR100M30X30 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
450VXR120M25X45 RUBYCON-450VXR120M25X45 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 450VA105EB1S

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com