Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3230GR Datasheet(PDF) 6 Page - California Eastern Labs

Part # UPC3230GR
Description  Bipolar Analog Integrated Circuit (AGC AMPLIFIER PRE AMPLIFIER IC)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3230GR Datasheet(HTML) 6 Page - California Eastern Labs

  UPC3230GR Datasheet HTML 1Page - California Eastern Labs UPC3230GR Datasheet HTML 2Page - California Eastern Labs UPC3230GR Datasheet HTML 3Page - California Eastern Labs UPC3230GR Datasheet HTML 4Page - California Eastern Labs UPC3230GR Datasheet HTML 5Page - California Eastern Labs UPC3230GR Datasheet HTML 6Page - California Eastern Labs UPC3230GR Datasheet HTML 7Page - California Eastern Labs UPC3230GR Datasheet HTML 8Page - California Eastern Labs UPC3230GR Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
µPC3230GR
Preliminary Data Sheet
MEASUREMENT CIRCUIT 2
Note Balun Transformer : TOKO 617DB-1714 B4F (Double balanced type)


Similar Part No. - UPC3230GR

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV Datasheet
853Kb / 19P
   BIPOLAR ANALOG INTE
UPC3231GV CEL-UPC3231GV Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3231GV RENESAS-UPC3231GV Datasheet
387Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
logo
California Eastern Labs
UPC3231GV-E1 CEL-UPC3231GV-E1 Datasheet
853Kb / 19P
   BIPOLAR ANALOG INTE
UPC3231GV-E1 CEL-UPC3231GV-E1 Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
More results

Similar Description - UPC3230GR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
logo
KEC(Korea Electronics)
KIA6225P KEC-KIA6225P Datasheet
115Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL PRE-AMPLIFIER)
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
logo
NEC
UPC1335V NEC-UPC1335V Datasheet
182Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT-AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA7417AP KEC-KIA7417AP Datasheet
370Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL PRE AMPLIFIER SYSTEM)
KIA6259P KEC-KIA6259P Datasheet
93Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW NOISE DUAL PRE-AMPLIFIER)
KIA6268P KEC-KIA6268P Datasheet
148Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL RECORD/PLAY PRE-AMPLIFIER)
logo
NTE Electronics
NTE1057 NTE-NTE1057 Datasheet
87Kb / 2P
   Integrated Circuit FM IF Amplifier, AF Pre−Amplifier
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com