Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1512145UY3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 1512145UY3
Description  T 13/4 Midget Groove Based LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

1512145UY3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  1512145UY3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
15121 Series T 1
3/
4 Midget Groove Based LED
DESCRIPTION
AND
FEA T URES
ELECTRO-OPTICAL CHARACTERISTICS AND RA TINGS
• Replaces incandescent lamp #’s
- 12V DC — 336, 386, 393
- 24V DC and 28V DC — 276, 334, 388
• Extremely high brightness
with low current draw
• Long life — typically 100K hours vs. 10K hours
• Low heat generation
• Available in five standard colors. Custom
colors available upon request
• Shock and vibration proof
• Storage temperature: -25°C - +80°C
• Ambient temperature: -20°C - +60°C
• Due to production tolerances, color
temperature variations may be detected within
individual consignments
1
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product.
1-190
Part
Color
Voltage
Current
Lumi.
Reverse
Dominant
Number
Intensity
Voltage
Wavelength
V DC
mA
mcd
V
nm
1512125UR3
Red
12
7 / 14
330
80
630
1512125UG3
Green
12
7 / 14
910
80
525
1512125UY3
Yellow
12
7 / 14
280
80
587
1512125B3
Blue
12
7 / 14
350
80
470
1512125W3
White Clear
12
7 / 14
700
80
*
1512125W3D
White Diffused
12
7 / 14
350
80
*
1512135UR3
Red
24
7 / 14
330
80
630
1512135UG3
Green
24
7 / 14
910
80
525
1512135UY3
Yellow
24
7 / 14
280
80
587
1512135B3
Blue
24
7 / 14
350
80
470
1512135W3
White Clear
24
7 / 14
700
80
*
1512135W3D
White Diffused
24
7 / 14
350
80
*
1512145UR3
Red
28
7 / 14
330
80
630
1512145UG3
Green
28
7 / 14
910
80
525
1512145UY3
Yellow
28
7 / 14
280
80
587
1512145B3
Blue
28
7 / 14
350
80
470
1512145W3
White Clear
28
7 / 14
700
80
*
1512145W3D
White Diffused
28
7 / 14
350
80
*
Luminous intensity data of the used LEDs at: I
OPtyp.DC
ø 6,1 max.
polycarbonate colored
*typical luminous spectrum
Color coordinates (l
F
= 20mA; T
A
= 25°C)
x = 0,31 ±0,06 y = 0,32 ± 0,08
100
80
60
40
20
0
400
500
600
700
800
T
A = 25°C
l
F = 20mA
Wavelength [nm]


Similar Part No. - 1512145UY3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1512145UY3 CML-1512145UY3 Datasheet
361Kb / 1P
   StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
More results

Similar Description - 1512145UY3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1510125UR3 CML-1510125UR3 Datasheet
47Kb / 1P
   T 13/4 Midget Flange Based LED
CM698 CML-CM698 Datasheet
218Kb / 1P
   T-1 3/4 Midget Groove Base
logo
List of Unclassifed Man...
337 ETC2-337 Datasheet
335Kb / 1P
   T-1 3/4 STANDARD MIDGET GROOVE
logo
Visual Communications C...
CM698 VCC-CM698 Datasheet
32Kb / 1P
   Midget Groove Base
logo
Dialight Corporation
586-1101-101F DIALIGHT-586-1101-101F Datasheet
112Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
586-1101-001F DIALIGHT-586-1101-001F Datasheet
110Kb / 2P
   Single Chip BASED LED T 1 3/4 MIDGET FLANGE
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
logo
Marl International Limi...
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
235 MARL-235 Datasheet
193Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
logo
Chicago Miniature Lamp,...
18602 CML-18602 Datasheet
49Kb / 1P
   T 31/4 Bayonet Based LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com