Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL39X-012-1000 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # TL39X-012-1000
Description  LOW PROFILE ENCAPSULATED TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL39X-012-1000 Datasheet(HTML) 1 Page - DB Lectro Inc

  TL39X-012-1000 Datasheet HTML 1Page - DB Lectro Inc TL39X-012-1000 Datasheet HTML 2Page - DB Lectro Inc TL39X-012-1000 Datasheet HTML 3Page - DB Lectro Inc TL39X-012-1000 Datasheet HTML 4Page - DB Lectro Inc TL39X-012-1000 Datasheet HTML 5Page - DB Lectro Inc TL39X-012-1000 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LOW PROFILE
ENCAPSULATED
TRANSFORMER
Power – 2VA to 70VA
Dielectric Strength – 3750Vrms
Primary – Dual primary (115V/230V
50/60Hz)
Secondary – Series or parallel
Insulation Class – Class F (155°C)
Safety Approvals – UL506, CSA C22.2 #6
TUV/EN61558 / EN60950, CE
TL29E & TL29U Series
Empty pin shall be omitted if necessary.
A
F
E
B
G
H
D
C
Dimension (mm)
Series
A
B
C
D
E
F
G
H
2 (VA)
44.0
53.0
17.0
4.0
5.0
5.0
35.0
0.64 x 0.64
3 (VA)
44.0
53.0
17.0
4.0
5.0
5.0
35.0
0.64 x 0.64
4 (VA)
44.0
53.0
19.0
4.0
5.0
5.0
35.0
0.64 x 0.64
6 (VA)
44.0
53.0
22.0
4.0
5.0
5.0
35.0
0.64 x 0.64
8 (VA)
44.0
53.0
28.0
4.0
5.0
5.0
35.0
0.64 x 0.64
10 (VA)
44.0
53.0
28.0
4.0
5.0
5.0
35.0
0.64 x 0.64
Tolerance (mm)
±0.5
±0.5
±0.5
±1.0
±0.2
±0.2
±0.5
±0.1
TL39E & TL39U Series
Empty pin shall be omitted if necessary.
G
B
F
E
A
H
C
D
Dimension (mm)
Series
A
B
C
D
E
F
G
H
10 (VA)
57.0
68.0
22.0
4.0
5.0
6.0
45.0
0.64 x 0.64
14 (VA)
57.0
68.0
24.0
4.0
5.0
6.0
45.0
0.64 x 0.64
18 (VA)
57.0
68.0
27.0
4.0
5.0
6.0
45.0
0.64 x 0.64
24 (VA)
57.0
68.0
31.0
4.0
5.0
6.0
45.0
0.64 x 0.64
30 (VA)
57.0
68.0
35.0
4.0
5.0
6.0
45.0
0.64 x 0.64
Tolerance (mm)
±0.5
±0.5
±0.5
±1.0
±0.2
±0.2
±0.5
±0.1
DB LECTRO Inc.
3600 boul. Matte suite i Brossarc Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - TL39X-012-1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL391B TI1-TL391B Datasheet
995Kb / 21P
[Old version datasheet]   TL331B, TL391B and TL331 Single Comparators
TL391B TI-TL391B Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TL391B-Q1 TI-TL391B-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TL391BIDBVR TI1-TL391BIDBVR Datasheet
995Kb / 21P
[Old version datasheet]   TL331B, TL391B and TL331 Single Comparators
TL391BQDBVRQ1 TI-TL391BQDBVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
More results

Similar Description - TL39X-012-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
DB Lectro Inc
TL30S-060-100 DBLECTRO-TL30S-060-100 Datasheet
398Kb / 7P
   STANDARD ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
   LOW PROFILE HYBRID TRANSFORMER
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
   Low Profile Power Transformer
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
   Low Profile Power Transformer
logo
Rhombus Industries Inc.
T-31008 RHOMBUS-IND-T-31008 Datasheet
28Kb / 1P
   Low Profile Coupling Transformer
logo
Allied Components Inter...
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
   Low Profile Power Transformer
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com