Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JV0805ML260L Datasheet(PDF) 6 Page - DB Lectro Inc

Part # JV0805ML260L
Description  VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JV0805ML260L Datasheet(HTML) 6 Page - DB Lectro Inc

  JV0805ML260L Datasheet HTML 1Page - DB Lectro Inc JV0805ML260L Datasheet HTML 2Page - DB Lectro Inc JV0805ML260L Datasheet HTML 3Page - DB Lectro Inc JV0805ML260L Datasheet HTML 4Page - DB Lectro Inc JV0805ML260L Datasheet HTML 5Page - DB Lectro Inc JV0805ML260L Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Maximum Surge Current:
JV0805ML030L-JV0805ML300L
VARISTORS
TVS 0805 SMD
10
100
CURRENT (I)
Maximum Clamping Voltage
1
Maximum leakage
10
µ A
100A
1A
100mA
1mA
100
µ A
10mA
10A
1
µ A
JV0805ML300L
JV0805ML260L
JV0805ML220L
JV0805ML180L
JV0805ML140L
JV0805ML120L
JV0805ML090L
JV0805ML050L
JV0805ML030L
V/I Characteristics
22,0
14,0
12,0
9,0
3,3
30,0
26,0
18,0
5,5
22,0
14,0
12,0
9,0
3,3
30,0
26,0
18,0
5,5
DB LECTRO Inc. 3600 boul. Matte suite i Boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - JV0805ML260L

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV08CH101 DBLECTRO-JV08CH101 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
JV08CH121 DBLECTRO-JV08CH121 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
JV08CH151 DBLECTRO-JV08CH151 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
JV08CH180 DBLECTRO-JV08CH180 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
JV08CH181 DBLECTRO-JV08CH181 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
More results

Similar Description - JV0805ML260L

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TVS0603SMD DBLECTRO-TVS0603SMD Datasheet
112Kb / 3P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS1206SMD DBLECTRO-TVS1206SMD Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS1210SMD DBLECTRO-TVS1210SMD Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
logo
Littelfuse
WT0603ML050L LITTELFUSE-WT0603ML050L Datasheet
83Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1210ML180A LITTELFUSE-WT1210ML180A Datasheet
80Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1812ML050A LITTELFUSE-WT1812ML050A Datasheet
98Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT0805ML030A LITTELFUSE-WT0805ML030A Datasheet
74Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1206ML030A LITTELFUSE-WT1206ML030A Datasheet
97Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
DB Lectro Inc
JV2220ML050A DBLECTRO-JV2220ML050A Datasheet
152Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
Littelfuse
WT2220ML050A LITTELFUSE-WT2220ML050A Datasheet
115Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com