Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JV1210ML180A Datasheet(PDF) 6 Page - DB Lectro Inc

Part # JV1210ML180A
Description  VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JV1210ML180A Datasheet(HTML) 6 Page - DB Lectro Inc

  JV1210ML180A Datasheet HTML 1Page - DB Lectro Inc JV1210ML180A Datasheet HTML 2Page - DB Lectro Inc JV1210ML180A Datasheet HTML 3Page - DB Lectro Inc JV1210ML180A Datasheet HTML 4Page - DB Lectro Inc JV1210ML180A Datasheet HTML 5Page - DB Lectro Inc JV1210ML180A Datasheet HTML 6Page - DB Lectro Inc JV1210ML180A Datasheet HTML 7Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
JV1210ML180L- JV1210 ML300L
μ s
r
max
t
i
=f(
, pulse train)
Maximum surge current
5
1000A
100A
1A
100mA
1mA
100
µA
10mA
10A
10
µ A
1
µA
Maximum Clamping Voltage
1000
100
10
Maximum Leakage
CURRENT (I)
VARISTORS
TVS 1210 SMD
Maximum Surge Current:
V/I Characteristics
30,0
45,0
18,0
30,0
45,0
18,0
JV1210ML450L
JV1210ML300L
JV1210ML180L
1x
2
10
10
2
10
3
10
5
10
6
10
4
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - JV1210ML180A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV1206ML030A DBLECTRO-JV1206ML030A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML030L DBLECTRO-JV1206ML030L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050A DBLECTRO-JV1206ML050A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050L DBLECTRO-JV1206ML050L Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML090A DBLECTRO-JV1206ML090A Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results

Similar Description - JV1210ML180A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TVS0805SMD DBLECTRO-TVS0805SMD Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS0603SMD DBLECTRO-TVS0603SMD Datasheet
112Kb / 3P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS1206SMD DBLECTRO-TVS1206SMD Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
logo
Littelfuse
WT0603ML050L LITTELFUSE-WT0603ML050L Datasheet
83Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1210ML180A LITTELFUSE-WT1210ML180A Datasheet
80Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1812ML050A LITTELFUSE-WT1812ML050A Datasheet
98Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT0805ML030A LITTELFUSE-WT0805ML030A Datasheet
74Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1206ML030A LITTELFUSE-WT1206ML030A Datasheet
97Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
DB Lectro Inc
JV2220ML050A DBLECTRO-JV2220ML050A Datasheet
152Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
Littelfuse
WT2220ML050A LITTELFUSE-WT2220ML050A Datasheet
115Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com