Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5040 Datasheet(PDF) 62 Page - Texas Instruments

Part # TVP5040
Description  NTSC/PAL Digital Video Decoder With Macrovision Detection
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5040 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TVP5040 Datasheet HTML 58Page - Texas Instruments TVP5040 Datasheet HTML 59Page - Texas Instruments TVP5040 Datasheet HTML 60Page - Texas Instruments TVP5040 Datasheet HTML 61Page - Texas Instruments TVP5040 Datasheet HTML 62Page - Texas Instruments TVP5040 Datasheet HTML 63Page - Texas Instruments TVP5040 Datasheet HTML 64Page - Texas Instruments TVP5040 Datasheet HTML 65Page - Texas Instruments TVP5040 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
2–46
Table 2–14. Registers Summary (Continued)
REGISTER FUNCTION
VIP
PHI
I2C
R/W
Reserved
01B8 - 01BF
00
← B8 - BF
B8 - BF
Interrupt status register A
01C0
00
← C0
C0
R/W
Interrupt enable A
01C1
00
← C1
C1
R/W
Interrupt configuration A
01C2
00
← C2
C2
R/W
Reserved
01C3 – 01FF
00
← C3 - FF
C3 - FF
No-latency read access 1
02xx
NA
NA
R
No-latency read access 2
03xx
NA
NA
R
VIP status 0
1000
N/A
N/A
R
VIP status 1
1100
N/A
N/A
R
Reserved
1200 – 1300
N/A
N/A
VIP teletext FIFO
1400
N/A
N/A
R/W
VIP program RAM write FIFO
1500
N/A
N/A
W
VIP program RAM read FIFO
1600
N/A
N/A
R
Reserved
1700- 1F00
N/A
N/A
R/W
PHI teletext FIFO
N/A
10b
N/A
R
PHI status/interrupt A
N/A
11b
N/A
R/W
NOTE: R = Read only for all interfaces
W = Write only for all interfaces
R/W = Read and write for all host interfaces (where applicable)
R†/W = Read and write for I2C and VIP host interfaces. Write only for PHI host interfaces.
2.13 Register Definitions
2.13.1 VIP Vendor ID
VIP address
000 - 001h
PHI address
NA
I2C address
NA
Address
7
6
5
4
3
2
1
0
000
0
1
0
0
1
1
0
0
001
0
0
0
1
0
0
0
0
This field identifies the manufacturer of the device. Address 001 is the MSB. This field is a constant of 104C.
2.13.2 VIP Device ID
VIP address
002 - 003h
PHI address
NA
I2C address
NA
Address
7
6
5
4
3
2
1
0
002
0
1
0
0
0
0
0
0
003
0
1
0
1
0
0
0
1
This field identifies the particular device. Address 003 is the MSB. This field is a constant of 5140H.


Similar Part No. - TVP5040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
TVP5010CPFP TI1-TVP5010CPFP Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020 TI-TVP5020 Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
More results

Similar Description - TVP5040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5145 TI1-TVP5145 Datasheet
754Kb / 94P
[Old version datasheet]   NTSC/PAL/SECAM/Component Digital Video Decoder With Macrovision??Detection
TVP5145PFP TI-TVP5145PFP Datasheet
525Kb / 92P
[Old version datasheet]   NTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION
TVP5146PFP TI-TVP5146PFP Datasheet
651Kb / 100P
[Old version datasheet]   NTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
   NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com